Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC257A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LVC257A
Description  Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC257A Datasheet(HTML) 2 Page - NXP Semiconductors

  LVC257A Datasheet HTML 1Page - NXP Semiconductors LVC257A Datasheet HTML 2Page - NXP Semiconductors LVC257A Datasheet HTML 3Page - NXP Semiconductors LVC257A Datasheet HTML 4Page - NXP Semiconductors LVC257A Datasheet HTML 5Page - NXP Semiconductors LVC257A Datasheet HTML 6Page - NXP Semiconductors LVC257A Datasheet HTML 7Page - NXP Semiconductors LVC257A Datasheet HTML 8Page - NXP Semiconductors LVC257A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC257A
Quad 2-input multiplexer with 5 Volt tolerant
inputs/outputs (3-State)
2
1998 Jul 29
853-2101 19802
FEATURES
• Wide supply voltage range of 1.2 to 3.6 V
• In accordance with JEDEC standard no. 8-1A
• CMOS lower power consumption
• Direct interface with TTL levels
• Output drive capability 50 W transmission lines at 85°C
• 5 Volt tolerant inputs/outputs, for interfacing with 5 Volt logic
DESCRIPTION
The 74LVC257A is a high-performance, low-power, low-voltage,
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3V or 5.0V devices. In 3-State
operation, outputs can handle 5V. This feature allows the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC257A is a quad 2-input multiplexer with 3-state outputs,
which select 4 bits of data from two sources and are controlled by a
common data select input (S). The data inputs from source 0 (1l0 to
4l0) are selected when input S is LOW and the data inputs from
source 1 (1l1 to 4l1) are selected when S in HIGH. Data appears at the
outputs (1Y to 4Y) in true (non-inverting) form from the selected inputs.
The 74LVC257A is the logic implementation of a 4-pole, 2-position
switch, where the position of the switch is determined by the logic
levels applied to S. The outputs are forced to a high impedance
OFF-state when OE is HIGH.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr =tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nl0, nl1 to nY
S to nY
CL = 50 pF;
VCC = 3.3 V
3.9
3.5
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per channel
VI = GND to VCC1
30
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic SO
–40
°C to +85°C
74LVC257A D
74LVC257A D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC257A DB
74LVC257A DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC257A PW
74LVC257APW DH
SOT403-1
PIN CONFIGURATION
SV00636
1
2
3
4
5
6
S
1I0
1I1
IY
2l0
2l1
VCC
OE
4l0
16
15
14
13
12
11
7
8
GND
3l1
3Y
10
9
2Y
4l1
4Y
3l0
LOGIC SYMBOL
SV00637
1
S
OE
2
1I0
2I0
3I0
4I0
11I
2I1
3I1
4I1
35
4
1Y
6
7
2Y
10
12
4Y
14
11
9
3Y
13
15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com