Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR406 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # PCR406
Description  Thyristor in a TO-92 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

PCR406 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  PCR406 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. PCR406 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. PCR406 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. PCR406 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. PCR406 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. PCR406 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PCR406
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
Repetitive peak off-state voltages
VDRM
Tj=40 to 125 (R
℃
gk=1kΩ)
400
V
RMS on-state current
IT(RMS)
Tc=40℃
0.8
A
Average on-state current
IT(AV)
Half cycle=180
TC=40℃
0.6
A
Repetitive
gate current
VGRM
IGR=10μA
1.0
V
Peak gate current
IGM
10μs Max
0.1
A
Peak gate power
PG(AV)
20ms Max
200
mW
Junction Temperature
Tj
-40~125
℃
Storage Temperature Range
Tstg
-40~125
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Repetitive peak off-state
current
IDRM
VDRM(RGK=1KΩ)
Tj=125℃
0.2
mA
Repetitive peak off-state
current
IDRM
VDRM(RGK=1KΩ)
Tj=25℃
5.0
μA
On-state voltage
VT
IT=0.6A
1.7
V
IT=0.8A
2.2
V
On-state voltage
VT(TO)
Tj=125℃
0.95
V
Gate trigger current
IGT
VD=6.0V
RL=10Ω
200
μA
Gate trigger voltage
VGT
VD=6.0V
RL=10Ω
0.8
V
Holding current
IH
VD=6.0V
5
mA
Off-state leakage current
VGD
VDRM=400V RGK=1KΩ
Tj=110℃
0.1
V
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com