Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB212 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB212
Description  USB 2.0 High Speed Signal Conditioner
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB212 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB212 Datasheet HTML 4Page - Texas Instruments TUSB212 Datasheet HTML 5Page - Texas Instruments TUSB212 Datasheet HTML 6Page - Texas Instruments TUSB212 Datasheet HTML 7Page - Texas Instruments TUSB212 Datasheet HTML 8Page - Texas Instruments TUSB212 Datasheet HTML 9Page - Texas Instruments TUSB212 Datasheet HTML 10Page - Texas Instruments TUSB212 Datasheet HTML 11Page - Texas Instruments TUSB212 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
USB
TRANSCEIVER
High Speed
Compensation
USB
CONNECTOR
Low and Full
Speed Bypass
ESD
PROTECTION
Status Flags
OPTIONAL
PLD
D1P
D1M
CD
ENA_HS
D2P
D2M
8
TUSB212
SLLSEX5 – AUGUST 2017
www.ti.com
Product Folder Links: TUSB212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TUSB212 is a USB High-Speed (HS) signal conditioner, designed to compensate for ISI signal loss in a
transmission channel. TUSB212 has a patent-pending design which is agnostic to USB Low Speed (LS) and Full
Speed (FS) signals and does not alter their signal characteristics, while HS signals are compensated. In addition,
the design is compatible with USB On-The-Go (OTG) and Battery Charging (BC) specifications.
Programmable signal gain through an external resistor permits fine tuning device performance to optimize signals
helping to pass USB HS electrical compliance tests at the connector. Additional DC boost configurable by three
level input DC_BOOST helps overcoming the cable losses.
The footprint of TUSB212 allows a board layout using this device such that it does not break the continuity of the
DP/DM signal traces. This permits risk free system design of a complete USB channel with flexible use of one or
multiple TUSB212 devices as needed for optimal signal integrity. This allows system designers to plan for this
device and use it only if signal integrity analysis and/or lab measurements sow a need. If such a need is not
warranted, the device can be left unpopulated without any board rework.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 EQ
The EQ pin of the TUSB212 is used to configure the AC boost of the device. The four levels are set through
different values of an external pulldown resistor at this pin.
7.3.2 DC BOOST
The DC_BOOST pin of the TUSB212 is a tri-level pin, used to set the DC gain of the device according to
Table 1.
Table 1. DC Boost Settings
DC BOOST SETTING VIA PIN STRAP
DC_BOOST
DC Boost Setting (mV)
VIL
40
VIM
60
VIH
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com