Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF45106 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DF45106
Description  Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DF45106 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DF45106 Datasheet HTML 1Page - Dynex Semiconductor DF45106 Datasheet HTML 2Page - Dynex Semiconductor DF45106 Datasheet HTML 3Page - Dynex Semiconductor DF45106 Datasheet HTML 4Page - Dynex Semiconductor DF45106 Datasheet HTML 5Page - Dynex Semiconductor DF45106 Datasheet HTML 6Page - Dynex Semiconductor DF45106 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DF451
4/8
Fig.2 Maximum (limit) forward characteristics
0
100
200
300
400
500
1.25
1.5
1.75
2.0
2.25
Instantaneous forward voltage, VF - (V)
Measured under pulse conditions
Tj = 150°C
Tj = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com