Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2580A Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2580A
Description  Hot-Swap PCI Power Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2580A Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2580A Datasheet HTML 13Page - Micrel Semiconductor MIC2580A Datasheet HTML 14Page - Micrel Semiconductor MIC2580A Datasheet HTML 15Page - Micrel Semiconductor MIC2580A Datasheet HTML 16Page - Micrel Semiconductor MIC2580A Datasheet HTML 17Page - Micrel Semiconductor MIC2580A Datasheet HTML 18Page - Micrel Semiconductor MIC2580A Datasheet HTML 19Page - Micrel Semiconductor MIC2580A Datasheet HTML 20Page - Micrel Semiconductor MIC2580A Datasheet HTML 21Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
February 2005
21
MIC2580A
MIC2580A
Micrel, Inc.
Package Information
1.10 MAX (0.043)
0.15 (0.006)
0.05 (0.002)
1.00 (0.039) REF
8°
0°
6.4 BSC (0.252)
7.90 (0.311)
7.70 (0.303)
0.30 (0.012)
0.19 (0.007)
0.20 (0.008)
0.09 (0.003)
0.70 (0.028)
0.50 (0.020)
DIMENSIONS:
MM (INCH)
4.50 (0.177)
4.30 (0.169)
0.65 BSC
(0.026)
24-Lead TSSOP (TS)
MICREL INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2001 Micrel Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com