Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MB1F
Description  0.8A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MB1F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MB1F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MB1F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MB1F~MB10F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
0.8A
表面贴装玻璃钝化整流桥,薄型 MBF 封装。
0.8A Surface Mount Glass Passivated Bridge Rectifier,MBF thin package。
玻璃钝化芯片,反向电压:100V~1000V,正向电流:0.8A,浪涌电流大,适用于表面贴装。无卤产
品。
Glass Passivated Chip Junction, Reverse Voltage:100to1000V, Forward Current:0.8 A, High Surge
Current Capability, Designed for Surface Mount Application.Halogen free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - MB1F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MB1F PACELEADER-MB1F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB1F PFS-MB1F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB1F LUGUANG-MB1F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB1F FORMOSA-MB1F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB1F JUXING-MB1F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

Similar Description - MB1F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
logo
DONGGUAN YOU FENG WEI E...
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Foshan Blue Rocket Elec...
ABS1 FOSHAN-ABS1 Datasheet
783Kb / 6P
0.8A Surface Mount Glass Passivated Bridge Rectifier竊똀BS/LBF thin package.
MB1F-05 FOSHAN-MB1F-05 Datasheet
873Kb / 6P
0.5A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package?
MB1F-10 FOSHAN-MB1F-10 Datasheet
874Kb / 6P
1.0A Surface Mount Glass Passivated Bridge Rectifier竊똌BF thin package?
MB1S FOSHAN-MB1S Datasheet
892Kb / 6P
0.8A Surface Mount Glass Passivated Bridge Rectifier, MBS package.
MB14F FOSHAN-MB14F Datasheet
927Kb / 6P
1.0A Surface Mount Schottky Bridge竊똌BF thin package?
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
UM1B FS-UM1B Datasheet
500Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com