Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB14F Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MB14F
Description  1.0A Surface Mount Schottky Bridge竊똌BF thin package?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MB14F Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MB14F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MB14F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB14F~MB120F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
MB14F MB16F MB18F MB110F MB115F MB120F
Maximum Recurrent Peak
Reverse Voltage
VRRM
40
60
80
100
150
200
V
Maximum RMS Voltage
VRMS
28
42
56
70
105
140
V
Maximum DC Blocking Voltage
VDC
40
60
80
100
150
200
V
Maximum Average Forward
Rectified Current
IF(AV)
1.0
A
Peak Forward Surge
Current,8.3ms Single Half
Sine-wave Superimposed
on Rated Load (JEDEC
method)
IFSM
40
30
A
Typical Junction Capacitance1
)
Cj
110
80
pF
Typical Thermal Resistance2
)
RθJA
115
/W
℃
Operating Junction
Temperature Range
Tj
-55~+125
℃
Storage Temperature Range
Tstg
-55~+150
℃
Note:
1. Measured at 1MHz and applied reverse voltage of 4 V D.C.
2. Mounted on glass epoxy PC board with 4×( 5×5mm2)copper pad.
参数
Parameter
符号
Symbol
测试条件
Test
Conditions
数值
Rating
单位
Unit
MB14F MB16F MB18F MB110F MB115F MB120F
Max Instantaneous
Forward Voltage
VF
IF=1.0A
0.50
0.70
0.85
0.90
V
Maximum DC
Reverse Current at
Maximum DC
Blocking Voltage
IR
Ta=25℃
0.3
0.2
0.1
mA
Ta=100℃
10
5.0
2.0
mA
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com