Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9211 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMP9211
Description  Dual 10-bit Nonvolatile DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9211 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMP9211 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9211 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9211 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9211 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9211 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9211 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9211 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMP9211 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMP9211 Datasheet HTML 10Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Advance Information
page 6 of 6
SMP9210 SMP9211 SMP9212
SUMMIT
MICROELECTRONICS, Inc.
The third example illustrates the data sequence
for a two-byte command.
Special Configurations
The SMP9210 can be configured by the end
user or by Summit prior to shipment. There is one
configuration register and it is accessed through the
serial interface using 1001[b] as the device type
address. The register is shown below.
MSB
LSB
7
6
5
4
3
2
1
0
A
3
A
2
A
1
A
0
L
o
r
H
Z
P
O
R
1
P
O
R
0
L
O
C
K
x
x
x
x
x
x
x
0
Config Register
Accessible
x
x
x
x
x
x
x
1
Config Register Locked
x
x
x
x
x
0
0
Power-on Recall all 0's
x
x
x
x
x
0
1
Power-on Recall all 1's
x
x
x
x
x
1
0
Power-on Recall Mid Scale
x
x
x
x
x
1
1
Power-on Recall NV-
Register
x
x
x
x
0
VOUT = Low Z on Power-Down
x
x
x
x
1
VOUT = High Z on Power-Down
A A A A Programmable DAC Device Type
Address
Bit 0 - When bit 0 is written as a 1 the configuration
register will be locked and it will become inaccessible
for reading and writing.
Bits 2:1 are use to select the power-on recall value to
be loaded into the DAC registers.
Bit 3 selects the power down option for the VOUT pins.
Bits 7:4 can be used to program unique DAC device
type identifiers. When the default 0101 is used the
number of SMP9210's allowed on a single bus is
limited to eight. This can be expanded infinitely if the
CS input is also used. The only drawback is the
decoding or use of port pins to drive the CS inputs. If
we assume no other devices on the bus and that
each DAC device type address is utilized, then the
end user can effectively have 256 individually
addressable devices on a single bus. Now,
combining this capability with the CS pin a microC
can enable blocks of 256 SMP9210's vs blocks of 8.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com