Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9210S Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMP9210S
Description  Dual 10-bit Nonvolatile DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9210S Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMP9210S Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMP9210S Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Advance Information
page 5 of 5
SMP9210 SMP9211 SMP9212
SUMMIT
MICROELECTRONICS, Inc.
type/address byte followed by the command byte.
They are will be enforced with or without a stop being
issued and the new register value is never stored in
the nonvolatile register.
Writing a value to a DAC can either be a write to the
DAC register only or a combined write to both the
DAC Register and its nonvolatile register. They are
identical with the one exception being the register
write does not entail issuing a stop condition;
whereas, the nonvolatile write operation is concluded
with a stop.
The sequence is to issue a start, followed by the
device type and bus address, with the read/write bit
set to zero. The SMP9210 will respond with an
acknowledge and the master will then issue the
command and follow-on data. In the example below
the write is to DAC1, where the command = 1001[b];
the dc bits are don't care, D9 and D8 are the MSBs of
the DAC value being written. The SMP9210 will then
respond with an acknowledge followed by the master
writing the last eight bits. In the first example shown,
no stop is generated after the SMP9210
acknowledge; therefore, the write is only to the
register. In the second example the SMP9210
acknowledge is followed by a stop; therefore, the
data is written to both the DAC register and to the
nonvolatile register.
Table 1. Command Structure.
MSB
LSB
7
6
5
4
3
2
1
0
Command
Function
1
0
0
1
dc
dc
D9
D8
Write DAC1
Write 10-bit value to DAC1
1
0
1
0
dc
dc
D9
D8
Write DAC2
Write 10-bit value to DAC2
1
0
1
1
dc
dc
D9
D8
Write Both DACS
Write the same 10-bit value to DAC1
and DAC2
1
1
0
1
1
1
1
0
ZeroDAC1
Set DAC1 to Zero Scale (VREFL)
1
1
0
1
1
1
0
1
ZeroDAC2
Set DAC2 to Zero Scale (VREFL)
1
1
0
1
1
1
1
1
ZeroBOTH
Set DAC1 & DAC2 to Zero Scale (VREFL)
1
1
1
0
1
1
1
0
3FDAC1
Set DAC1 to Full Scale (VREFL)
1
1
1
0
1
1
0
1
3FDAC2
Set DAC2 to Full Scale (VREFL)
1
1
1
0
1
1
1
1
3FBOTH
Set DAC1 & DAC2 to Full Scale (VREFL)
1
1
1
1
dc
dc
1
0
RecallDAC1
Recall E
2 to DAC1
1
1
1
1
dc
dc
0
1
RecallDAC2
Recall E
2 to DAC2
1
1
1
1
dc
dc
1
1
RecallBoth
Recall E
2 to Both DACs
1
0
0
0
dc
dc
1
0
PDDAC1
Power Down DAC1 (VOUT to GND)
1
0
0
0
dc
dc
0
1
PDDAC2
Power Down DAC2 (VOUT to GND)
1
0
0
0
dc
dc
1
1
PDBOTH
Power Down Both DACs (VOUT to GND)
*dc = don't care
Writing to DACs Data Sequence (Volatile Write)
0
1
0
1
A
2
A
1
A
0
0
1
0
0
1
d
c
d
c
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
A
C
K
A
C
K
S
t
a
r
t
Device Type and Bus Address
W
Command
A
C
K
Writing to DACs Data Sequence (Nonvolatile Write)
0
1
0
1
A
2
A
1
A
0
0
1
0
0
1
d
c
d
c
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
S
t
a
r
t
A
C
K
A
C
K
A
C
K
S
t
o
p
Command Sequence (example command shown 3FDAC1)
0
1
0
1
A
2
A
1
A
0
0
1
1
1
0
1
1
1
0
S
t
a
r
t
Device Type and Bus Address
W
A
C
K
Command
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com