Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3MAF Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # RS3MAF
Description  Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

RS3MAF Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  RS3MAF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. RS3MAF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RS3MAF
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
1000
V
Maximum RMS voltage
VRMS
700
V
Maximum DC Blocking Voltage
VDC
1000
V
Maximum Average Forward Rectified Current
at Tc = 100℃
IF(AV)
3.0
A
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
80
A
Typical Junction Capacitance at
1)
Cj
60
pF
Typical Thermal Resistance
2)
RθJA
50
℃
/W
Operating and Storage Temperature Range
Tj,Tstg
-55~+150
℃
Note:
1)Measured at 1MHz and applied reverse voltage of 4V D.C.
2)P.C.B. mounted with 1.0 X 1.0" (2.54 X 2.54 cm) copper pad areas.
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
Maximum Instantaneous Forward
Voltage
VF
IF=3.0A
1.3
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage
IR
Ta=25℃
5.0
μA
Ta=125℃
150
μA
Maximum Reverse Recovery Time
trr
IF=0.5A
IR=1.0A
Irr=0.25A
200
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com