Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2AF Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # S2AF
Description  Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V,Forward Current:2.0A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

S2AF Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  S2AF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. S2AF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S2AF~S2MF
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
超快恢复二极管,反向电压:50V~1000V,正向电流:2.0A,薄型 SMAF 封装。
Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V,Forward Current:2.0A,
SMAF thin package.
玻璃钝化芯片,效率高,无铅符合欧盟 RoHS 指令 2011/65/EU,适用于表面贴装。无卤产品。
Glass Passivated Chip Junction,High efficiency,Lead free in comply with EU ROHS 2011/65/EU
directives,For surface mounted applications. Halogen free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - S2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2AF ETC2-S2AF Datasheet
525Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Guangdong Kexin Industr...
S2AF KEXIN-S2AF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2AF CHENDA-S2AF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2AF YFWDIODE-S2AF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
SUNMATE electronic Co.,...
S2AF SUNMATE-S2AF Datasheet
364Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results

Similar Description - S2AF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LF1 GOOD-ARK-LF1_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier Reverse Voltage 50~1000V Forward Current 1A
logo
Leshan Radio Company
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF207T LRC-FFMAF207T Datasheet
314Kb / 9P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Foshan Blue Rocket Elec...
S3AF FOSHAN-S3AF Datasheet
862Kb / 6P
Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?0 to1000V,Forward Current:3.0A ,SMAF
US1AF FOSHAN-US1AF Datasheet
830Kb / 6P
Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V
US2AF FOSHAN-US2AF Datasheet
825Kb / 6P
Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V
logo
Rectron Semiconductor
ES1AW RECTRON-ES1AW Datasheet
598Kb / 6P
Surface Mount Superfast Recovery Rectifier Reverse Voltage-50 to 600V Forward Current-1A
logo
AiT Semiconductor Inc.
PMEG3020ER AITSEMI-PMEG3020ER Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
US1AA AITSEMI-US1AA Datasheet
238Kb / 5P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.2
US1AW AITSEMI-US1AW Datasheet
552Kb / 6P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER REVERSE VOLTAGE 50V TO 1000V FORWARD CURRENT 1A
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com