Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12F Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SS12F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current:1.0A ,SMAF
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SS12F Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SS12F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SS12F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS12F~SS120F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
SS12F SS14F SS16F SS18F SS110F SS112F
SS115F
SS120F
Maximum Repetitive
Peak Reverse
Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS
voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC
Blocking Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average
Forward Rectified
Current
IF(AV)
1.0
A
Peak Forward Surge
Current,8.3ms
Single Half
Sine-wave
Superimposed
on Rated Load
(JEDEC method)
IFSM
40
30
A
Typical Junction
Capacitance
1)
Ci
110
80
pF
Typical Thermal
Resistance
2)
RθJA
95
℃
/W
Operating Junction
Temperature Range
Tj
-55~+125
℃
Storage Temperature
Range
Tstg
-55~+150
℃
Note:
1) Measured at 1MHz and applied reverse voltage of 4 V D.C.
2) P.C.B. mounted with 0.2 X 0.2" (5 X 5 mm) copper pad areas.
参数
Parameter
符号
Symbol
测试条件
Test
Conditions
数值
Rating
单位
Unit
SS12F
SS14F
SS16F
SS18F SS110F SS112F SS115F SS120F
Max
Instantaneo
us Forward
Voltage
VF
IF=1.0A
0.55
0.70
0.85
0.90
V
Maximum DC
Reverse
Current
at Rated DC
Reverse
Voltage
IR
Ta=25℃
0.3
0.2
0.1
mA
Ta=100℃
10
5.0
2.0
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com