Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL34F Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SSL34F
Description  Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0V, Forward Current竊?.0A ,SMAF thin
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SSL34F Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SSL34F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL34F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL34F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL34F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL34F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SSL34F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSL34F
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
表面贴装肖特基整流二极管,反向电压:40V,正向电流:3.0A,薄型 SMAF 封装。
Surface Mount Schottky Barrier Rectifier, Reverse Voltage:40V, Forward Current:3.0A ,SMAF thin
package.
低功耗,高效率,正向浪涌电流大,适用于低压高频逆变器和极性保护,表面贴装。无卤产品。
Low power loss, high efficiency, High forward surge current capability, For use in low voltage, high
frequency inverters, and polarity protection applications,For surface mounted applications.Halogen
free product.
一般用途.
General purpose.
印章代码 / Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning


Similar Part No. - SSL34F

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SSL34F YFWDIODE-SSL34F Datasheet
89Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Jiangsu High diode Semi...
SSL34F HDSEMI-SSL34F Datasheet
1Mb / 4P
SMAF Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
SSL34F ZSELEC-SSL34F Datasheet
172Kb / 2P
3.0A SURFACE MOUNT LOW VF SCHOTTKY BARRIER DIODE
logo
Shenzhen Yixinwei Techn...
SSL34F YIXIN-SSL34F Datasheet
176Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SSL34F JUXING-SSL34F Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
More results

Similar Description - SSL34F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
ES3A GULFSEMI-ES3A Datasheet
175Kb / 2P
SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 600V CURRENT竊?.0A
GER20M GULFSEMI-GER20M Datasheet
163Kb / 2P
SURFACE MOUNT AVALANCHE GLASS PASSIVATED RECTIFIER VOLTAGE竊?000V CURRENT竊?.0A
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
NF3G GULFSEMI-NF3G Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
NF3J GULFSEMI-NF3J Datasheet
156Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
UGS2J GULFSEMI-UGS2J Datasheet
114Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
logo
Foshan Blue Rocket Elec...
SS12F FOSHAN-SS12F Datasheet
951Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current:1.0A ,SMAF
SS32F FOSHAN-SS32F Datasheet
898Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 200 V, Forward Current竊?.0A,SMAF
SSL54F FOSHAN-SSL54F Datasheet
934Kb / 6P
Surface Mount Schottky Barrier Rectifier, Reverse Voltage竊?0 to 60 V, Forward Current:5.0A ,SMAF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com