Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2AF Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # US2AF
Description  Surface Mount Ultrafast Recovery Rectifier,Reverse Voltage:50 to1000V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

US2AF Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  US2AF Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. US2AF Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. US2AF Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. US2AF Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. US2AF Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. US2AF Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
US2AF~US2MF
Rev.C Feb.-2015
DATA SHEET
http://www.fsbrec.com
2 / 6
Note:
1) P.C.B. mounted with 0.2 X 0.2" (5 X 5 mm) copper pad areass .
参数
Parameter
参数符号
Symbol
测试条件
Test
condition
数值
Rating
单位
Unit
US2AF US2BF US2DF US2GF US2JF
US2KF US2MF
Maximum
Instantaneous
Forward Voltage
VF
IF=2.0A
1.0
1.3
1.65
V
Maximum DC
Reverse Current
at Maximum DC
Blocking Voltage
IR
Ta=25℃
5.0
uA
Ta=125℃
100
Maximum
Reverse
Recovery Time
Trr
IF=0.5A
IR=1.0A
Irr=0.25A
50
75
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
参数
Parameter
参数符号
Symbol
数值
Rating
单位
Unit
US2AF
US2BF
US2DF
US2GF
US2JF
US2KF
US2MF
Maximum
Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS
voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC
Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum
Average Forward
Rectified Current
at Ta = 65℃
IF(AV)
2.0
A
Peak Forward
Surge Current 8.3
ms Single Half
Sine Wave
Superimposed on
Rated Load
(JEDEC Method)
IFSM
50
A
Typical Thermal
Resistance
1)
RθJA
75
/W
℃
Operating and
Storage
Temperature
Range
Tj,Tstg
-55~+150
℃
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com