Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS0610ZLAH Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EYGS0610ZLAH
Description  Soft-PGS (Compressible Type) PGS with low thermal resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0610ZLAH Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EYGS0610ZLAH Datasheet HTML 1Page - Panasonic Semiconductor EYGS0610ZLAH Datasheet HTML 2Page - Panasonic Semiconductor EYGS0610ZLAH Datasheet HTML 3Page - Panasonic Semiconductor EYGS0610ZLAH Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“Soft-PGS (Compressible Type)” PGS with low thermal resistance
No.
Standard
Part No.
a : Lateral size
(mm)
b : Longitudinal
size
(mm)
Hole
number
Hole
diameter
(
0mm)
d : Lateral
hole pitch
(mm)
e : Longitudinal
hole pitch
(mm)
28
EYGS0409ZLGJ
44
93
2
6.7
Center
80
29
EYGS0509ZLGK
46
92
2
6.7
Center
80
30
EYGS0309ZLMF
32
92
2
6.7
Center
80
31
EYGS0409ZLMG
41
88
2
5.7
Center
80
32
EYGS0309ZLAK
29.5
89.5
2
6.6
Center
80
33
EYGS0509ZLMH
51
86
2
4.7
–
80
34
EYGS0508ZLMJ
46.2
83
2
4.7
–
77
35
EYGS0608ZLMK
55
78
2
4.5
Center
40
36
EYGS0607ZLGL
58
69.7
4
5.7
50
62
37
EYGS0507ZLML
45.3
66
2
4.7
–
60
38
EYGS0407ZLAL
40
65.5
1
7.7
Center
Center
39
EYGS0506ZLMM
48
55
1
4.5
Center
Center
40
EYGS0404ZLMP
36
38
1
4.5
Center
Center
41
EYGS1018ZLSA
104.5
182.5
8
7
93
171
42
EYGS1516ZLSB
148
158
8
5
137
150
43
EYGS1116ZLSC
112
158
8
5
101
150
44
EYGS0715ZLSD
67
153
4
5.6
57
143
45
EYGS0613ZLSE
61
127.5
4
5.6
50
116
46
EYGS0612ZLSF
63.3
124
4
5.6
50
110
47
EYGS0612ZLSG
61.5
124
4
5.6
50
110
48
EYGS1012ZLSH
104.5
121
4
6.7
93
109.5
49
EYGS0410ZLSJ
43
103
2
5.7
Center
93
50
EYGS0609ZLSK
61.5
91
4
5.6
50
77
51
EYGS0606ZLSL
58
61.5
2
5.6
44
50
52
EYGS0305ZLSM
27
51
1
4.6
Center
Center
53
EYGS0204ZLSN
24
36.5
1
4.6
Center
Center
54
EYGS0303ZLSP
29
32
1
4.5
Center
Center
55
EYGS0911ZLDA
92
109
4
6
78
93
56
EYGS1014ZLDB
98
138
4
6.7
86
127
Mar. 2017
03



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com