Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EYGS0612ZLSF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EYGS0612ZLSF
Description  Soft-PGS (Compressible Type) PGS with low thermal resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS0612ZLSF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EYGS0612ZLSF Datasheet HTML 1Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 2Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 3Page - Panasonic Semiconductor EYGS0612ZLSF Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
“Soft-PGS (Compressible Type)” PGS with low thermal resistance
Pressure (kPa)
100
0
200
300
400
500
700
600
0
10
20
30
40
50
60
Pressure (kPa)
100
0
200
300
400
500
600
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
a
b
c
✽
Part numbers listed above are all standard samples for your consideration.
✽✽ Contact us for custom-made samples.
We can make samples in various forms and/or dimensions other than standard samples.
Typical values, not guaranteed.
Thermal resistance and compressibility
Items
Test method
Condition
Data
Thickness (
µm)
200
Thermal resistance (K·cm
2/W)
TIM Tester
600 kPa
0.2
Compressibility (%)
TIM Tester
600 kPa
40
Thermal conductivity (W/m·K)
Laser PIT
X-Y
400 (300 to 600)
Z
(28)
Operating temperature range (°C)
−55 to 400
Type
Sheet only
S Type
Process for IGBT mounting
−
Structure
Front
Side
Operating
Temperature Range
−55 to 400 °C
Thickness: c
200 μm
Standard
Part No.
90
× 90 mm
EYGS0909ZLX2
90
×180 mm
EYGS0918ZLX2
180
×180 mm
EYGS1818ZLX2
● Soft-PGS (Compressible Type) standard form
Typical characteristics
Lamination type/Composition example
Mar. 2017
03



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com