Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM89 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM89
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM89 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM89 Datasheet HTML 1Page - National Semiconductor (TI) LM89 Datasheet HTML 2Page - National Semiconductor (TI) LM89 Datasheet HTML 3Page - National Semiconductor (TI) LM89 Datasheet HTML 4Page - National Semiconductor (TI) LM89 Datasheet HTML 5Page - National Semiconductor (TI) LM89 Datasheet HTML 6Page - National Semiconductor (TI) LM89 Datasheet HTML 7Page - National Semiconductor (TI) LM89 Datasheet HTML 8Page - National Semiconductor (TI) LM89 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM89
±0.75˚C Accurate, Remote Diode and Local Digital
Temperature Sensor with Two-Wire Interface
General Description
The LM89 is an 11-bit digital temperature sensor with a
2-wire System Management Bus (SMBus) serial interface.
The LM89 accurately measures its own temperature as well
as the temperature of an external device, such as processor
thermal diode or diode-connected transistor such as the
2N3904. The temperature of any ASIC can be accurately
determined using the LM89 as long as a dedicated diode
(semiconductor junction) is available on the target die. The
LM89 remote sensor accuracy of ±0.75˚C is factory trimmed
for the series resistance and 1.0021 typical non-ideality fac-
tor of the Intel® Pentium™ 4 and the Mobile Pentium 4
Processor-M thermal diode. The LM89 has an Offset
register
to
allow
measuring
other
diodes
without
requiring
continuous
software
management.
Contact
hardware.monitor.team@nsc.com to obtain the latest data for
new processors.
The LM89 and the LM89-1 have the same functions but
different SMBus slave addresses. This allows for one of
each to be on the bus at the same time.
Activation of the ALERT output occurs when any tempera-
ture goes outside a preprogrammed window set by the HIGH
and LOW temperature limit registers or exceeds the T_CRIT
temperature limit. Activation of the T_CRIT_A occurs when
any temperature exceeds the T_CRIT programmed limit.
The LM89 is pin and register compatible with the LM86,
LM90, Analog Devices ADM1032 and Maxim MAX6657/8.
Features
n
Accurately senses die temperature of remote ICs or
diode junctions
n
Offset register allows sensing a variety of thermal
diodes accurately
n
On-board local temperature sensing
n
10 bit plus sign remote diode temperature data format,
0.125 ˚C resolution
n
T_CRIT_A output useful for system shutdown
n
ALERT output supports SMBus 2.0 protocol
n
SMBus 2.0 compatible interface, supports TIMEOUT
n
8-pin MSOP and SOIC packages
Key Specifications
j Supply Voltage
3.0 V to 3.6 V
j Supply Current
0.8 mA (typ)
j Local Temp Accuracy (includes quantization error)
T
A=25˚C to 125˚C
±3.0 ˚C (max)
j Remote Diode Temp Accuracy (includes quantization
error)
T
A=30˚C,TD=80˚C
±0.75 ˚C (max)
T
A=30˚C to 50˚C, TD=60˚C to 100˚C
±1.0 ˚C (max)
T
A=0˚C to 85˚C, TD=25˚C to 125˚C
±3.0 ˚C (max)
Applications
n
Processor/Computer System Thermal Management
(e.g. Laptop, Desktop, Workstations, Server)
n
Electronic Test Equipment
n
Office Electronics
Simplified Block Diagram
20041501
Pentium™ is a trademark of Intel Corporation.
December 2004
© 2004 National Semiconductor Corporation
DS200415
www.national.com


Similar Part No. - LM89

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI2-LM89 Datasheet
1Mb / 40P
LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
REVISED JUNE 2014
LM89-1CIMM TI2-LM89-1CIMM Datasheet
1Mb / 40P
LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
REVISED JUNE 2014
LM89-1CIMM/NOPB TI-LM89-1CIMM/NOPB Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM89-1CIMM/NOPB TI2-LM89-1CIMM/NOPB Datasheet
1Mb / 40P
LM89 ±0.75°C Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
REVISED JUNE 2014
More results

Similar Description - LM89

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM99 NSC-LM99 Datasheet
349Kb / 20P
짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM82 TI-LM82_15 Datasheet
713Kb / 25P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com