Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP25A13A-R1B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GP25A13A-R1B
Description  25W AC-DC Triple Output Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GP25A13A-R1B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GP25A13A-R1B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GP25A13A-R1B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GP25A13A-R1B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GP25A series
File Name:GP25A-SPEC 2016-09-19
25W AC-DC Triple Output Industrial Adaptor
SPECIFICATION
GP25A13A-R1B
GP25A13D-R1B
GP25A14E-R1B
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED SET CURRENT
CURRENT RANGE
OUTPUT
SETUP, RISE, HOLD UP TIME
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT (max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 7)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
PROTECTION
5V
GP25A13A
GP25A13D
GP25A14E
12V
5V
12V
5V
15V
2.5A
1.2A
2.5A
1A
2.5A
0.8A
0.5 ~ 2.5A
0.2 ~ 1.2A
0.5 ~ 2.5A
0.2 ~ 1A
0.5 ~ 2.5A
0.1 ~ 0.8A
RATED POWER
800ms, 50ms, 20ms / 230VAC
1200ms, 50ms, 16ms / 115VAC at full load
90 ~ 264VAC
135~ 370VDC
47 ~ 63Hz
0.8A / 100VAC
0.4A / 230VAC
80%
80%
80.5%
60A / 230VAC
0.75mA / 240VAC
UL60950-1, CSA22.2, EN60950-1 approved
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:4242VDC , I/P-FG:2121VDC
I/P-O/P,I/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
620K hrs min.
MIL-HDBK-217F (25
)
-20 ~ +70
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-20 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0 ~ 40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
107.5*67*36mm (L*W*H)
0.3kg; 54pcs / 20kg / CARTON
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2.DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4.Tolerence: includes set up tolerance, line regulation, load regulation.
5.Line regulation is measured from low line to high line at rated load.
6.When measured between the light load (20% of rated load) and full load, the load regulation is within 5% whereas the cross regulation is within 15%.
±±
7.The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Compliance to EN55022 class B, EN61000-3-2,3, FCC PART15 / CISP22 class B
Compliance to EN61000-4-2,3,4,5,6,11, light industry level, criteria A
3 years : 100% load 40
, 8hours day
℃/
CONNECTOR
PLUG
CABLE
See page 3
See page 3
-5V
0.3A
0.1 ~ 0.3A
-12V
0.3A
0.1 ~0.3A
-15V
0.3A
0.1 ~ 0.3A
RIPPLE & NOISE (max.) Note.3 50mVp-p
28.5W
28W
29W
100mVp-p
60mVp-p
120mVp-p
100mVp-p
150mVp-p
50mVp-p
50mVp-p
50mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
Note.6
±5.0%
-5.0 ~ +10%
±5.0%
-5.0 ~ +5.0%
±5.0%
-5.0 ~ +15%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±5.0%
±3.0%
±1.0%
±3.0%
±3.0%
±1.0%
±3.0%
±3.0%
±1.0%
±3.0%
110 ~ 160% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
Protection type : Clamp by zener diode(5V only), output short
EMC EMISSION
EMC IMMUNITY
LIFE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com