Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP25A13D-R1B Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # GP25A13D-R1B
Description  25W AC-DC Triple Output Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GP25A13D-R1B Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  GP25A13D-R1B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GP25A13D-R1B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GP25A13D-R1B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mechanical Specification
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Unit:mm
Plug Assignment
PIN NO
1
2
3
4
5
OUTPUT
COM
COM
+5VDC
-Vout
+Vout
1
2
3
4
5
45
o
Standard plug: R1B
AC FG
69.9
RUBBER FOOTX4
NAME PLATE
18
R1
3
POWER LED
106
107.5
36
UL2464 18AWG*3C & 20AWG*2C 1530+150/-0
54.8
10.2
GP25A series
File Name:GP25A-SPEC 2016-09-19
25W AC-DC Triple Output Industrial Adaptor
AMBIENT TEMPERATURE ( )
-20
0
20
10
30
40
20
50
40
70
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
Derating Curve
Static Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com