Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G06DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G06DBVR
Description  DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G06DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G06DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G06DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74LVC2G06
DUAL INVERTER BUFFER/DRIVER
WITH OPENDRAIN OUTPUTS
SCES307E − AUGUST 2001 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Supports 5-V VCC Operation
D Max tpd of 3.4 ns at 3.3 V
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
D Inputs and Open-Drain Outputs Accept
Voltages up to 5.5 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
This dual inverter buffer/driver is designed for 1.65-V to 5.5-V VCC operation.
The output of the SN74LVC2G06 device is open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 32 mA.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
NanoStar
 − WCSP (DSBGA)
0.17-mm Small Bump − YEA
SN74LVC2G06YEAR
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.17-mm Small Bump − YZA (Pb-free)
Tape and reel
SN74LVC2G06YZAR
_ _ _CT_
−40
°C to 85°C
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Tape and reel
SN74LVC2G06YEPR
_ _ _CT_
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
SN74LVC2G06YZPR
−40
°C to 85°C
SOT (SOT-23) − DBV
Tape and reel
SN74LVC2G06DBVR
C06_
−40
°C to 85°C
SOT (SC-70) − DCK
Tape and reel
SN74LVC2G06DCKR
CT_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code,
and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
Copyright
 2003, Texas Instruments Incorporated
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
6
5
4
1A
GND
2A
1Y
VCC
2Y
3
2
1
4
5
6
2A
GND
1A
2Y
VCC
1Y
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
NanoStar and NanoFree are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74LVC2G06DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G06DBVR TI1-SN74LVC2G06DBVR Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74LVC2G06DBVR TI2-SN74LVC2G06DBVR Datasheet
1Mb / 33P
SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs
REVISED JULY 2015
logo
TECH PUBLIC Electronics...
SN74LVC2G06DBVR-TP TECHPUBLIC-SN74LVC2G06DBVR-TP Datasheet
2Mb / 5P
INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LVC2G06DBVR.B TI2-SN74LVC2G06DBVR.B Datasheet
1Mb / 33P
SN74LVC2G06 Dual Inverter Buffer and Driver With Open-Drain Outputs
REVISED JULY 2015
SN74LVC2G06DBVRE4 TI1-SN74LVC2G06DBVRE4 Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC2G06DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G06-Q1 TI-SN74LVC2G06-Q1 Datasheet
119Kb / 7P
DUAL INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06_09 Datasheet
577Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06-EP TI1-SN74LVC2G06-EP Datasheet
353Kb / 11P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G06 TI1-SN74LVC2G06_15 Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74LVC3G06 TI1-SN74LVC3G06_16 Datasheet
844Kb / 16P
Triple Inverter Buffer/Driver With Open-Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com