Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN8205A Datasheet(PDF) 1 Page - Stanson Technology

Part # STN8205A
Description  Dual N Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN8205A Datasheet(HTML) 1 Page - Stanson Technology

  STN8205A Datasheet HTML 1Page - Stanson Technology STN8205A Datasheet HTML 2Page - Stanson Technology STN8205A Datasheet HTML 3Page - Stanson Technology STN8205A Datasheet HTML 4Page - Stanson Technology STN8205A Datasheet HTML 5Page - Stanson Technology STN8205A Datasheet HTML 6Page - Stanson Technology STN8205A Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STN8205A
Dual N Channel Enhancement Mode MOSFET
5.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STN8205A 2007. V1
DESCRIPTION
STN8205A is the dual N-Channel enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology. This high density process
is especially tailored to minimize on-state resistance. These devices are particularly
suited for low voltage application, such as notebook computer power management and
other battery powered circuits, where high-side switching is required.
PIN CONFIGURATION
TSSOP-8
Y: Year Code
A: Date Code
B: Process Code
FEATURE
l
20V/5.0A, RDS(ON) = 21m-ohm (Typ.)
@VGS =4.5V
l
20V/3.0A, RDS(ON) =27m-ohm
@VGS =2.5V
l
Super high density cell design for
extremely low RDS(ON)
l
Exceptional low on-resistance and
maximum DC current capability
l
TSSOP-8 package design
D2 S2 S2 G2
D1 S1 S1 G1


Similar Part No. - STN8205A

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN8205AA STANSON-STN8205AA Datasheet
167Kb / 7P
Dual N Channel Enhancement Mode MOSFET
STN8205AAST8RG STANSON-STN8205AAST8RG Datasheet
167Kb / 7P
Dual N Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STN8205AAST8RG VBSEMI-STN8205AAST8RG Datasheet
965Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
More results

Similar Description - STN8205A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com