Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1012 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # FS1012
Description  Gas and Liquid Flow Sensor Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

FS1012 Datasheet(HTML) 6 Page - Integrated Device Technology

  FS1012 Datasheet HTML 1Page - Integrated Device Technology FS1012 Datasheet HTML 2Page - Integrated Device Technology FS1012 Datasheet HTML 3Page - Integrated Device Technology FS1012 Datasheet HTML 4Page - Integrated Device Technology FS1012 Datasheet HTML 5Page - Integrated Device Technology FS1012 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FS1012 Datasheet
© 2017 Integrated Device Technology, Inc.
6
July 20, 2017
Ordering Information
Note: The part code depends on the application. In the part code, NG refers to “non-corrosive gas” and LQ refers to “liquid.”
Orderable Part Number
Description and Package
Shipping Packaging
Temperature
FS1012-1020-NG
0 to 2 SLPM gas flow sensor mounted on a circuit
board with a flow housing
Box
0°C to +85°C
FS1012-1100-NG
0 to 10 SLPM gas flow sensor mounted on a circuit
board with a flow housing
Box
0°C to +85°C
FS1012-1001-LQ
0 to 0.5 SLPM (500 SCCM) liquid flow sensor
mounted on a circuit board with a flow housing
Box
0°C to +85°C
FS1012-1002-LQ
0 to 1.0 SLPM (1000 SCCM) liquid flow sensor
mounted on a circuit board with a flow housing
Box
0°C to +85°C
Revision History
Revision Date
Description of Change
July 20, 2017
Initial release of the datasheet.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its affiliated companies (herein referred to as “IDT”) reserve the right to modify the products and/or specifications described herein at any time,
without notice, at IDT's sole discretion. Performance specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same
way when installed in customer products. The information contained herein is provided without representation or warranty of a ny kind, whether express or implied, including, but not limited to, the suitability
of IDT's products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not
convey any license under intellectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com