Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3170 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSSC3170
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3170 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSSC3170 Datasheet HTML 9Page - Integrated Device Technology ZSSC3170 Datasheet HTML 10Page - Integrated Device Technology ZSSC3170 Datasheet HTML 11Page - Integrated Device Technology ZSSC3170 Datasheet HTML 12Page - Integrated Device Technology ZSSC3170 Datasheet HTML 13Page - Integrated Device Technology ZSSC3170 Datasheet HTML 14Page - Integrated Device Technology ZSSC3170 Datasheet HTML 15Page - Integrated Device Technology ZSSC3170 Datasheet HTML 16Page - Integrated Device Technology ZSSC3170 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
ZSSC3170 Datasheet
© 2016 Integrated Device Technology, Inc.
13
May 30, 2016
2.2
Application Modes
For each application, a configuration set must be established (generally prior to calibration) by programming the
on-chip EEPROM for the following modes:
Table 2.1
Configuration for Application Modes
Bridge Sensor Channel
Input Voltage Range
Select gain stage of the AFE with respect to the maximum sensor signal span and
the zero point of the ADC.
Bridge Sensor Offset
Compensation (XZC)
Activate the analog sensor offset compensation if required; e.g., if the sensor offset
voltage is close to or larger than the sensor span.
Resolution/Response Time
Select appropriate resolution of the ADC. Settings will influence sampling rate, signal
integration time, and therefore sensitivity to noise and disturbances.
Temperature Measurement
Temperature Measurement for the
Correction of the Bridge Signal
Select temperature sensor to calibrate temperature related errors.
Temperature Measurement for the
Temperature Output in LIN Mode
Select temperature sensor for temperature measurement.
Output Signal
Output Mode
Select PWM or LIN according to application requirements.
LIN Mode
Select LIN compatibility to specification package LIN2.1, LIN2.0, or LIN1.3.
PWM Mode
Select switch type: high-side switch (HSS) or low-side switch (LSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com