Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3154 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3154 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3154 Datasheet HTML 1Page - Integrated Device Technology ZSSC3154 Datasheet HTML 2Page - Integrated Device Technology ZSSC3154 Datasheet HTML 3Page - Integrated Device Technology ZSSC3154 Datasheet HTML 4Page - Integrated Device Technology ZSSC3154 Datasheet HTML 5Page - Integrated Device Technology ZSSC3154 Datasheet HTML 6Page - Integrated Device Technology ZSSC3154 Datasheet HTML 7Page - Integrated Device Technology ZSSC3154 Datasheet HTML 8Page - Integrated Device Technology ZSSC3154 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Automotive Sensor Signal
Conditioner with Dual Analog Output
ZSSC3154
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 22, 2016
ZSSC3154 Block Diagram
Analog Front-End AFE
Digital Core
Interfaces
External
Temperature
Sensor 1
Sensor
Bridge
Temperature
Sensor Select
Gain
Factor
Offset
Shift
ADC
Mode
Conditioning Coefficients
Conditioning Calculation
Conditioning Formula
I
2C™*
AOUT1
Internal
Temperature
Sensor
MUX
PGA
ADC
EEPROM
CMC
ROM
I
2C™*
DAC
ZACwire™
BAMP
BAMP
AOUT2
OWI
(Digital
Data IO)
External
Temperature
Sensor 2
Diagnostic Fault
Band Mode
RAM
* I
2C™ is a trademark of NXP.
Ordering Information
Product Sales Code
Description
Package
ZSSC3154BA1B
ZSSC3154 Die – Temperature Range -40 to 125°C
Wafer
ZSSC3154BA1C
ZSSC3154 Die – Temperature Range -40 to 125°C
Sawn on frame
ZSSC3154BA3R
ZSSC3154 QFN32 (5x5 mm; wettable flank) – Temperature Range -40 to 125 °C
Reel
ZSSC3154BE3R
ZSSC3154 QFN32 (5x5 mm; wettable flank) – Temperature Range -40 to 150 °C
Reel
ZSSC3154KIT
ZSSC3154 SSC Evaluation Kit: Communication Board, SSC Board, Sensor
Replacement Board, 5 QFN32 samples (software can be downloaded from the
product page www.IDT.com/ZSSC3154)
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com