Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC4161 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC4161
Description  Sensor Signal Conditioner Family
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC4161 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC4161 Datasheet HTML 1Page - Integrated Device Technology ZSSC4161 Datasheet HTML 2Page - Integrated Device Technology ZSSC4161 Datasheet HTML 3Page - Integrated Device Technology ZSSC4161 Datasheet HTML 4Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Sensor Signal Conditioner Family
ZSSC416x /
ZSSC417x
Feature Sheet
© 2016 Integrated Device Technology, Inc.
2
April 24, 2016
Example Block Diagram: ZSSC416x
ZSSC416x
SCCM
Mode
Input
Select
MUX
Temp
Sensor
Gain
Select
ADC
Mode
Analog
Frontend
VDDA
VSSA
External
RTD/NTC
PGA
TS1
TOP
BR1P
BR1N
BR2P
BR2N
BOT
TS2
External PN
Temp Sensor
Sensor
Bridge 1
Sensor
Bridge 2
VSSA
Digital Core
Interfaces
POWER
VDDE
DOUT
OWI
VSSE
SCL
SDA
ZACwire
TM
SENT
NVM
RAM
ROM
I
2CTM
VDDA
ADC
CMC
SENT Application Example:
Pressure and Temperature Sensor
5V module powered by the electronic control
unit (ECU)
Sensor module with 3-pin connector provides
pressure and media temperature signal within
SENT frame
Media temperature signal derived from
external RTD
Temperature compensation via diode on
pressure chip
End-of-line calibration using the One Wire
Interface (OWI) signal on the DOUT pin
Additional I²CTM interface option
VDDA
VSSA
SDA
SCL
DOUT
VDDE
VSSE
TS2
TOP
TS1
BR1N
BOT
BR1P
BR2P
BR2N
Sensor Bridge
SCL
SDA
CLOAD
RSENT
SENT/OWI
C1
C2
GND
VCC
ZSSC4162 Single Full Bridge, External RTD Temp Sensor
Serial Interface
VDDA
VSSA
External
RTD/NTC
1
SENT Application Example:
Thermocouple Measurement
5V module with thermocouple interface
Supports different thermocouple types
Internal temperature sensor available for
cold-junction temperature compensation
Thermocouple input diagnostic tests
Reports thermocouple measurement as
a single-secure message and reports room
temperature measurement through SDM
channel on SENT
End-of-line calibration using the OWI signal
on the DOUT pin
VDDA
VSSA
SDA
SCL
DOUT
VDDE
VSSE
TS2
TOP
TS1
BR1N
BOT
BR1P
BR2P
BR2N
CLOAD
RSENT
SENT/OWI
C1
C2
GND
VCC
EMC Filter
VSSA
ZSSC4171 Thermocouple Sensor
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com