Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3253LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C3253LE
Description  Dual 4:1 Mux/DeMux Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3253LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C3253LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C3253LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PI5C3253
Dual 4:1 Mux/DeMux Bus Switch
2
PS7017C
09/14/04
Storage Temperature ......................................................... –65°C to +150°C
Ambient Temperature with Power Applied ........................ –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only).. –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only)–0.5V to +7.0V
DC Input Voltage ................................................................. –0.5V to +7.0V
DC Output Current............................................................................ 120mA
Power Dissipation ................................................................................ 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation
of the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±5%)
Parameters Description
Test Conditions(1)
Min.
Typ.(2) Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current
0 ≤ IN, YN ≤ VCC
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current(3)
I (Y) = 0V, Y (I) = VCC
100
mA
VH
Input Hysteresis at Control Pins
150
mV
RON
Switch On-Resistance(4)
VCC = Min., VIN = 0.0V, ION = 48mA
5
7
Ω
VCC = Min., VIN = 2.4V, ION = 15mA
10
15
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
6
pF
COFF
IA/IB Capacitance, Switch Off
6
CON
IA/IB Capacitance, Switch On
24
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between I and Y pin at indicated current through the switch. ON resistance is determined by
the lower of the voltages on the two (I,Y) pins.
5. This parameter is determined by device characterization but is not production tested.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com