Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL09C Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL09C
Description  High Linearity LNA MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL09C Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL09C Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL09C Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL09C
5 ~ 4000 MHz High Linearity LNA MMIC
700
1000
1300
1600
1900
2200
2500
2800
Frequency (MHz)
0
1
2
3
4
5
-40 °C
+25 °C
+85 °C
Current vs. Temperature
Gain vs. Temperature
NF vs. Temperature
NF vs. Frequency
Output IP3 vs. Temperature
Output IP3 vs. Output tone power
P1dB vs. Temperature
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
40
45
50
55
60
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
8
10
12
14
16
18
Frequency = 1950 MHz
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
0
0.5
1
1.5
2
Frequency = 1950 MHz
-2
0
2
4
6
8
10
12
Output tone power (dBm)
20
25
30
35
40
45
-40 °C
+25 °C
+85 °C
Frequency = 1950 MHz
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
30
32
34
36
38
40
Frequency = 1950 MHz
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
15
17
19
21
23
25
Frequency = 1950 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com