Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL19C Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL19C
Description  High Linearity LNA MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19C Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL19C Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL19C Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL19C
5 ~ 3000 MHz High Linearity LNA MMIC
Vsupply=+3.3 V
L1=15 nH
C5=100 pF
ASL19C
L2=2 nH
C3=
1.8 pF
C1=100 pF
C6=1
F
L3=18 nH
RF IN
RF OUT
C2=100 pF
RD=3.9 
C4=1
F
R1=1 k
RB=6.8 k
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
1575
Magnitude S21 (dB)
14.5
Magnitude S11 (dB)
-15.0
Magnitude S22 (dB)
-11.0
Output P1dB (dBm)
20.0
Output IP31) (dBm)
28.5
Noise Figure (dB)
0.9
Device Voltage (V)
3.2
Current (mA)
25
GPS
1575 MHz
+3.3 V
1000
1200
1400
1600
1800
2000
0
5
10
15
20
Frequency (MHz)
1000
1200
1400
1600
1800
2000
-25
-20
-15
-10
-5
0
Frequency (MHz)
1000
1200
1400
1600
1800
2000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency [MHz]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com