Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL19D Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL19D
Description  High Gain, Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL19D Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL19D Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL19D Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL19D
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +5 dBm/tone separated
by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Wide Band
1700 ~ 2700 MHz
+5 V
Frequency (MHz)
1700
2000
2400
2700
Magnitude S21 (dB)
26.5
24.0
19.5
19.0
Magnitude S11 (dB)
-18
-18
-14
-11
Magnitude S22 (dB)
-9
-9
-11
-12
Output P1dB (dBm)
23
23
23
23
Output IP31) (dBm)
36.5
38.0
39.0
39.0
Noise Figure (dB)
0.85
0.90
1.10
1.25
Device Voltage (V)
+4.6
Current (mA)
90
ASL19D
RF IN
RF OUT
C1=10 pF
C2=10 pF
C3=8 pF
L3=39 nH
C4=100 pF
C5=1
F
C6=100 pF
C7=1
F
R1= 4.7 k
R2=5.6 k
L2=39 nH
Vcc=5 V
L1=39 nH
R3=6.2
1400
1600
1800
2000
2200
2400
2600
2800
3000
0
5
10
15
20
25
30
35
Frequency (MHz)
1400
1600
1800
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
1400
1600
1800
2000
2200
2400
2600
2800
3000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com