Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL20G Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL20G
Description  Low Noise GPS, GLONASS, Galileo and Compass Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL20G Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL20G_17 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL20G_17 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL20G_17 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL20G_17 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL20G_17 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL20G_17 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL20G_17 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL20G_17 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL20G_17 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
March 2017
ASL20G
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
C3:0.75pF
C4:1uF
L1:8.2nH
C1:10pF
L2:8.2nH
C5:1uF
*P1
C2:1.5pF
RF IN
RF OUT
VS = +3V
VCTL
NC
ASL20G
1
2
3
4
5 6
Frequency (MHz)
1559 ~ 1610
Magnitude S21 (dB)
22.5
Magnitude S11 (dB)
-15
Magnitude S22 (dB)
-15
Noise Figure (dB)
0.65
Input IP3 (dBm) 1)
-12
Output P1dB (dBm)
0
Supply Current (mA)
12
Supply Voltage (V)
+3.0
Control Current (
A)
300
Control Voltage VCTL (V)
+3.0
1) IIP3 is measured with two tones at an input power of
-40 dBm /tone separated by 1MHz
APPLICATION CIRCUIT
Schematic
S-parameters & K-factor
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 1 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Board Layout (FR4, 20x20 mm2, 0.8T)
GPS, GLONASS, Galileo, Compass
1559 ~ 1610 MHz
+3 V, 12 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com