Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL20G Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL20G
Description  Low Noise GPS, GLONASS, Galileo and Compass Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL20G Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL20G Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL20G Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
March 2017
ASL20G
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
C2:0.5pF
C4:1uF
L2:8.2nH
C1:3pF
L3:10nH
L1:4.3nH
C5:1uF
*P1
R1:200ohm
C3:1uF
*D1
RF IN
RF OUT
VS = +1.8V
VCTL
ESD
NC
ASL20G
1
2
3
4
5
6
Part number : ESD1P0RFW
*D1 : ESD Diode,
Frequency (MHz)
1559 ~ 1610
Magnitude S21 (dB)
18
Magnitude S11 (dB)
-12
Magnitude S22 (dB)
-9
Noise Figure (dB)
1.2
Input IP3 (dBm) 1)
-16
Output P1dB (dBm)
-7
Supply Current (mA)
3
Supply Voltage (V)
+1.8
Control Current (
A)
300
Control Voltage VCTL (V)
+1.8
1) IIP3 is measured with two tones at an input power of
-30 dBm/tone separated by 1MHz.
APPLICATION CIRCUIT
Schematic
S-parameters
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
P1 Length: 1 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Board Layout (FR4, 22x20 mm2, 0.8T)
Robust ESD (
 10 kV) 1)
GPS, GLONASS, Galileo, Compass
1559 ~ 1610 MHz
+1.8 V, 6 mA
+1.8 V, 3 mA
1) Test Method : Contact discharge on RF input. Applying
10 times repeated voltage at 1 sec time interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com