Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL51T8 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL51T8
Description  High Gain, Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL51T8 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL51T8 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL51T8 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
ASB Inc.
 sales@asb.co.kr
January 2017
ASL51T8
Summary on Product Performances
2.1
Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
500
600
700
900
1000
1200
1500
1800
2000
MHz
Noise Figure
0.50
0.45
0.35
0.37
0.45
0.55
0.65
0.80
1.00
dB
Gain
22.5
21.2
20.0
18.0
17.5
16.0
14.5
13.0
12.4
dB
S11
-15.0
-18.0
-20.0
-18.0
-17.0
-17.0
-18.0
-20.0
-20.0
dB
S22
-18.0
-20.0
-20.0
-20.0
-20.0
-20.0
-20.0
-20.0
-20.0
dB
Output IP31)
33.0
35.0
37.0
38.0
37.0
34.0
32.0
32.0
31.0
dBm
Output P1dB
21.0
21.0
21.0
21.0
21.0
21.0
20.0
18.0
17.0
dBm
Current
57
mA
Device Voltage
+4.5
V
1) OIP3 is measured with two tones at the output power of +4 dBm/tone separated by 1 MHz.
2.2
Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Min
Typ
Max
Unit
Frequency
900
MHz
Noise Figure
0.37
0.50
dB
Gain
17.0
18.0
dB
S11
-16
-18
dB
S22
-16
-18
dB
Output IP3
36
38
dBm
Output P1dB
20
21
dBm
Current
50
57
65
mA
Device Voltage
+4.5
V
2.3
Pin Configuration
Pin
Description
Simplified Outline
1
Bias
2
RF_IN
7
RF_OUT
3,4,5,6,8
NC or GND
Backside paddle
GND
Network
Bias
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com