Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL52D6 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL52D6
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL52D6 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL52D6 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL52D6
High Gain, Low Noise Amplifier
RF IN
RF OUT
C1=100 pF
C3=100 pF
C5=100 pF
C6=1
F
L2=12 nH
Vs=5 V
L1=4.7 nH
L1=12 nH
C1=100 pF
L2=8.2 nH
1300
1400
1500
1600
1700
1800
0
5
10
15
20
25
30
Frequency (MHz)
1300
1400
1500
1600
1700
1800
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
1300
1400
1500
1600
1700
1800
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
0
1
2
3
4
5
6
7
8
9
10
Frequency [MHz]
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Board Layout (FR4, 25x25 mm2, 0.8T)
Schematic
S-parameters & K-factor
Parameter
Symbol
Unit
Frequency (MHz)
1500
1600
Power Gain
Gp
dB
24.5
23.7
Noise Figure
NF
dB
0.55
0.55
Input Return Loss
RLin
dB
-18
-18
Output Return Loss
RLout
dB
-18
-17
1 dB Gain Compression
Output Power
Po(1dB)
dBm
15.0
14.5
3rd Intercept Point
Output Power1)
OIP3
dBm
33
33
Circuit Current
Id
mA
50
50
APPLICATION CIRCUIT
GPS,GLONASS,Galileo&Compass
1500 ~ 1600 MHz
+5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com