Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL54T8 Datasheet(PDF) 12 Page - Advanced Semiconductor Business Inc.

Part # ASL54T8
Description  High Gain, Low Noise Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL54T8 Datasheet(HTML) 12 Page - Advanced Semiconductor Business Inc.

Back Button ASL54T8 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. ASL54T8 Datasheet HTML 16Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12/16
ASB Inc.
 sales@asb.co.kr
January 2017
ASL54T8
Application: 900 ~ 2000 MHz (Vsupply = +5 V)
5.1 Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL54T8
-
-
MMIC Amplifier
ASB
C1, C2
100 pF
0603
DC blocking capacitor
Murata
C3
100 pF
0603
Decoupling capacitor
Murata
C4
1
F
0603
Decoupling capacitor
Murata
C5
10 pF
0603
Feedback capacitor
Murata
L1
18 nH
0603
RF choke inductor
Murata
L2
6.8 nH
0603
RF choke inductor
Murata
R1
4.7
0603
Bias resistor
Samsung
R2
6.8 k
0603
Current adjust resistor
Samsung
R3
1.2 k
0603
Feedback resistor
Samsung
C1
C2
C4
L1
L2
R2
C3
R1
C5
R3
ASL54T8
RF IN
RF OUT
Vsupply = +5 V
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
25x25
EB No.
EB-TDFN8-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com