Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL210 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL210
Description  High Linearity LNA MMIC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL210 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL210 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL210 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL210 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL210 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL210 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL210 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL210 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL210 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL210 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASL210
5 ~ 3000 MHz High Linearity LNA MMIC
1) OIP3 is measured with two tones at an output power of +10 dBm/tone sep-
arated by 1 MHz.
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
470
510
Magnitude S21 (dB)
22.5
22.0
Magnitude S11 (dB)
-15
-17
Magnitude S22 (dB)
-15
-15
Output P1dB (dBm)
20
20
Output IP31) (dBm)
35
35
Noise Figure (dB)
0.8
0.9
Device Voltage (V)
+3.3
+3.3
Current (mA)
67
67
IF
470 ~ 510 MHz
+3.3 V
C1=100 pF
L1=220 nH
C3=100 pF
Vs=3.3 V
RF IN
RF OUT
C4=100 pF
C5=0.1
F
ASL210
L3=47 nH
R1=7.5
k
C2=5 pF
L2=12 nH
200
300
400
500
600
700
800
0
5
10
15
20
25
30
Frequency (MHz)
200
300
400
500
600
700
800
-20
-15
-10
-5
0
Frequency (MHz)
200
300
400
500
600
700
800
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com