Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST163 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AST163
Description  High Gain, Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST163 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AST163 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
AST163
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -5dBm/tone separated by 1MHz.
100% in-house DC & RF testing is done on packaged products before taping
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
The max. input power, in principle, depends upon the application frequency and the matching circuit.
Parameters
Units
Typical
Testing Frequency
MHz
1575
1575
1575
1575
Gain
dB
13.5
14.0
15.5
14.2
S11
dB
-10
-12
-10
-10
S22
dB
-10
-14
-11
-10
Output IP31)
dBm
16.0
18.0
24.0
21.2
Noise Figure
dB
1.1
1.0
0.9
1.3
Output P1dB
dBm
10
10
10
10
Current
mA
3.7
6.0
9.5
9.5
Device Voltage
V
+3.0
+3.0
+2.8
+2.8
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
13.0
13.5
S11
dB
-10
S22
dB
-10
Output IP3
dBm
15
16
Noise Figure
dB
1.1
1.3
Output P1dB
dBm
9
10
Current
mA
3.7
Device Voltage
V
+3
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5 V
Operating Junction Temperature
+150
C
Input RF Power
(CW, 50
 matched as in 1950 MHz application circuit)*
+22 dBm
Thermal Resistance
288
C/W
Features
Description
 13.5 dB Gain at 1575 MHz
 1.1 dB NF at 1575 MHz
 One-stage LNA
AST163 is a one-stage LNA for GPS, DMB, and
satellite receiver low noise blocks. It has a low noise,
high gain, and high linearity over a wide range of
frequency up to 6 GHz. It is also suitable for use in
the low noise amplifier block of the mobile wireless
systems of T-DMB, CDMA, GSM, PCS, WCDMA,
WiBro, WiMAX, and WLAN so on. The amplifier is
available in a SOT363 package and passes the
stringent DC, RF, and reliability tests.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMAX, WLAN
·Gain Block
·IF Amplifier
Pin No.
Function
1
RF IN
2
GND
3
GND
4
RF OUT & Bias
5
GND
6
GND
Pin Configuration
Package Style: SOT363
Application Circuit
GPS
GPS (+2.8 V)
GPS (+2.8 V &
Without strip lines)
1710 ~ 1880 MHz
1950 MHz
Typical Performance
(Supply Voltage = Device Voltage, TA = +25 C, Zo = 50 )
Absolute Maximum Ratings


Similar Part No. - AST163

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AST163 ASB-AST163 Datasheet
484Kb / 8P
High Gain, Low Noise Amplifier
July 2010
More results

Similar Description - AST163

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com