Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT23-2700FACBJBDPKSB Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # VT23-2700FACBJBDPKSB
Description  HCMOS / TTL TCXO/ VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

VT23-2700FACBJBDPKSB Datasheet(HTML) 2 Page - Advanced Crystal Technology

  VT23-2700FACBJBDPKSB Datasheet HTML 1Page - Advanced Crystal Technology VT23-2700FACBJBDPKSB Datasheet HTML 2Page - Advanced Crystal Technology VT23-2700FACBJBDPKSB Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
0044(0)118 979 1238
Fax:
0044(0)118 979 1283
email:
info@act crystals.com
VCTCXO PART NUMBERING
P
B
D
E
E
B
D
P
K
S
B
-PF
STE01
±1
3.3
cntl only
3
±
Pos
±
40/60
ppm VDC
°C
HCMOS
ppm
%
%
500
RoHS
STE01
VT23
Stability
TOP
°C
v TOP
0+50
D
Electrical
±ppm
0+60
P
Tuning ±ppm
1
P
0+70
E
5
D
1.5
O
-10+60
F
10
F
2
N
-10+70
C
Commodity Code
2.5
M
-20+70
B
Others
854370 90 80
3
L
-30+70
T
Enquire
3.5
K
-30+75
W
4
J
-40+80
K
5
F
-40+85
I
Standard
Polarity
Positive
P
VCC VDC
Frequency
3.3
B
tuning
5
A
Vcntl only
E
Mech+Vcntl
B
Linearity
±%
5
K
Output
HCMOS
E
Duty
TTL
H
Cycle
Universal
J
% / %
TTL/HCMOS
S
H
Tape & Reel
B
Mechanical
L
Tuning ±ppm
3
B
None
X
Example
VT23 - 2700PBDEEBDPKSB-PF 27.00MHz
Issue No.
Date:
STE01 HCMOS / TTL TCXO/ VCTCXO
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY
9 Skr
09/10/2013
For quotations or further information please contact us at:
ISO9001 Registered
27.00MHz
2700
0+50
VT23
40/60
500
45/55
Loose
Frequency:
Please enquire if the frequency/stability
combination has been developed.
For part numbering use the first 4 characters of
the frequency in Hz i.e. 27MHz = 27000000Hz
so the code used in the part number is 2700. If
the frequency is 100MHz or higher then the
first 5 characters are used.
It is important to suffix the part number



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com