Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5101 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5101
Description  TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5101 Datasheet HTML 2Page - Texas Instruments TAS5101 Datasheet HTML 3Page - Texas Instruments TAS5101 Datasheet HTML 4Page - Texas Instruments TAS5101 Datasheet HTML 5Page - Texas Instruments TAS5101 Datasheet HTML 6Page - Texas Instruments TAS5101 Datasheet HTML 7Page - Texas Instruments TAS5101 Datasheet HTML 8Page - Texas Instruments TAS5101 Datasheet HTML 9Page - Texas Instruments TAS5101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TAS5101
SLES039 – JUNE 2002
6
www.ti.com
control/sense circuitry
The control/sense circuitry consists of the following 3.3-V logic level pins: HiZ, RESET, ERR0, ERR1, and
SHUTDOWN. The active-low HiZ input pin powers down all internal circuitry and forces the H-bridge outputs
to the Hi-Z state. When the HiZ pin is low, the open drain ERR0, ERR1, and SHUTDOWN pins are also disabled
so that their outputs can be pulled high. The active-low RESET input pin forces the H-bridge outputs to the
low-low state and resets the over-current shutdown latch. The HiZ pin overrides the RESET pin. The ERR0,
ERR1, and SHUTDOWN outputs indicate the following conditions in the TAS5101 as shown in the table below.
These three outputs are open-drain connections with internal pullup resistors so that wire-ORed connections
can be made by the user with other external control devices. The short circuit protect error condition will latch
the TAS5101 in this shutdown state and force the H-bridge outputs to the Hi-Z state until the device is reset by
means of the RESET pin. The illegal PWM input state, over-temperature, and low regulator voltage error
conditions will not latch the device in the shutdown condition. Instead the H-bridge outputs are forced to the
low-low state and the TAS5101 will return to normal operation as soon as the error condition ends. Loss of
clocking PWM signal is also considered an illegal PWM input state.
SHUTDOWN
ERR1
ERR0
FUNCTION
OUTPUTA
OUTPUTB
0
0
0
Illegal PWM input state
Low
Low
0
0
1
Short circuit protect (latch)
Hi-Z
Hi-Z
0
1
0
Over temperature protect
Low
Low
0
1
1
Low regulator voltage protect
Low
Low
1
0
0
Reserved
—
—
1
0
1
Reserved
—
—
1
1
0
High temperature – warning
Normal
Normal
1
1
1
Normal operation
Normal
Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com