Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5101DAP Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5101DAP
Description  TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5101DAP Datasheet(HTML) 2 Page - Texas Instruments

  TAS5101DAP Datasheet HTML 1Page - Texas Instruments TAS5101DAP Datasheet HTML 2Page - Texas Instruments TAS5101DAP Datasheet HTML 3Page - Texas Instruments TAS5101DAP Datasheet HTML 4Page - Texas Instruments TAS5101DAP Datasheet HTML 5Page - Texas Instruments TAS5101DAP Datasheet HTML 6Page - Texas Instruments TAS5101DAP Datasheet HTML 7Page - Texas Instruments TAS5101DAP Datasheet HTML 8Page - Texas Instruments TAS5101DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TAS5101
SLES039 – JUNE 2002
2
www.ti.com
terminal assignments
The TAS5101 is offered in a thermally enhanced 32-pin HTSSOP surface-mount package (DAP).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PWM_AP
PWM_AM
ERR1
ERR0
SHUTDOWN
DVDD
DVSS
DVSS
DVSS
VRFILT
BIAS_A
BIAS_B
HiZ
RESET
PWM_BM
PWM_BP
PVDDA2
LDROUTA
BOOTSTRAPA
PVDDA1
PVDDA1
OUTPUTA
OUTPUTA
PVSS
PVSS
OUTPUTB
OUTPUTB
PVDDB1
PVDDB1
BOOTSTRAPB
LDROUTB
PVDDB2
DAP PACKAGE
(TOP VIEW)
ordering information
TA
PACKAGE
TAPE and Reel
0
°C to 70°C
TAS5101DAP
TAS5101DAPR
–40
°C to 85°C
TAS5101IDAP
TAS5101IDAPR
references
TAS5010 Digital Audio PWM Processor Data Manual – TI Literature Number SLAS328
System Design Considerations for True Digital Audio Power Amplifiers – TI Literature Number SLAA117
Digital Audio Measurements – TI Literature Number SLAA114
PowerPAD Thermally Enhanced Package – TI Literature Number SLMA002
TAS5101_SE Application Report – TI Literature Number SLEA001
suggested system block diagrams
See application note SLAA117 for more details.
Digital Audio
• TAS3001
• TAS3103
• DSP
• DIR1703
• 1394
TAS5101
L-C
Filter
L-C
Filter
TAS5010
• Digital Parametric EQ
• Volume
• DRC
• Bass
• Treble
• Serial Audio Input Port
• Internal PLL
• 2 × 1/2 H-Bridge
Figure 1. System #1: Stereo Configuration With TAS3001 Digital Audio Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com