Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7344 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7344
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7344 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7344 Datasheet HTML 6Page - STMicroelectronics TDA7344 Datasheet HTML 7Page - STMicroelectronics TDA7344 Datasheet HTML 8Page - STMicroelectronics TDA7344 Datasheet HTML 9Page - STMicroelectronics TDA7344 Datasheet HTML 10Page - STMicroelectronics TDA7344 Datasheet HTML 11Page - STMicroelectronics TDA7344 Datasheet HTML 12Page - STMicroelectronics TDA7344 Datasheet HTML 13Page - STMicroelectronics TDA7344 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
VOLUME ATTENUATION
MSB
LSB
1.25 dB STEPS
1
000
0
1
0
0
1
-1.25
1
0
1
0
-2.50
1
0
1
1
-3.75
1
1
0
0
-5.00
1
1
0
1
-6.25
1
1
1
0
-7.50
1
1
1
1
-8.75
10 dB STEPS
1
000
0
1
001
-10
1
010
-20
1
011
-30
1
100
-40
1
101
-50
1
110
-60
1
111
-70
SELECTION
LOUDNESS
10
ON
11
OFF
ATT AUX OUT1 AND 2
MSB
LSB
1.25 dB STEPS
1
000
0
1
0
0
1
-1.25
1
0
1
0
-2.50
1
0
1
1
-3.75
1
1
0
0
-5.00
1
1
0
1
-6.25
1
1
1
0
-7.50
1
1
1
1
-8.75
10 dB STEPS
1
000
0
1
001
-10
1
010
-20
1
011
-30
1
100
-40
1
101
-50
1
110
-60
1
111
-70
MUTE
10
OFF
11
ON
VALUE SELECTION
The second byte select the value, it is identified by the MSB = 1
TDA7344
10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com