Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7344P Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7344P
Description  DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7344P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7344P Datasheet HTML 2Page - STMicroelectronics TDA7344P Datasheet HTML 3Page - STMicroelectronics TDA7344P Datasheet HTML 4Page - STMicroelectronics TDA7344P Datasheet HTML 5Page - STMicroelectronics TDA7344P Datasheet HTML 6Page - STMicroelectronics TDA7344P Datasheet HTML 7Page - STMicroelectronics TDA7344P Datasheet HTML 8Page - STMicroelectronics TDA7344P Datasheet HTML 9Page - STMicroelectronics TDA7344P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SPEAKER ATTENUATORS
Crange
Control Range
35
37.5
40
dB
SSTEP
Step Resolution
0.5
1.25
1.75
dB
EA
Attenuation set error
-1.5
1.5
dB
AMUTE
Output Mute Attenuation
80
90
dB
VDC
DC Steps
adjacent att. steps
from 0 to mute
0
1
mV
mV
SPEAKER ATTENUATORS AUX
Crange
Control Range
70
75
dB
SSTEP
Step Resolution
Av = 0 to -40dB
0.5
1.25
1.75
dB
EA
Attenuation set error
Av = 0 to 20dB
-1.5
0
1.5
dB
Av = -20 to -60dB
-3
0
2
dB
VDC
DC Steps
adjacent att. steps
-3
0
3
mV
AMUTE
Output Mute Attenuation
80
90
dB
AUDIO OUTPUTS
VOCL
Clipping Level
d = 0.3%
2
2.5
Vrms
ROUT
Output resistance
100
200
300
Ω
VOUT
DC Voltage Level
4.2
4.5
4.8
V
GENERAL
NO(OFF)
Output Noise (OFF)
BW = 20Hz to 20KHz
Output R and L
Output AUX R and L
8
15
15
30
µVrms
µVrms
NO(MOV)
Output Noise (Movie)
Mode =Movie ,
BW = 20Hz to 20KHz
Rout and Lout measurement
30
µVrms
NO(MUS)
Output Noise (Music)
Mode = Music ,
BW = 20Hz to 20KHz,
Rout and Lout measurement
30
µVrms
NO(MON)
Output Noise (Simulated)
Mode = Simulated,
BW = 20Hz to 20KHz
Rout and Lout measurement
30
µVrms
d
Distorsion
Av = 0 ; Vin = 1Vrms
0.02
0.1
%
SC
Channel Separation
60
70
dB
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
-5
+5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
0.8
V
Note:
(1) Bass and Treble response: The center frequency and the resonance quality can be choosen by
the external circuitry. A standard first order bass response can be realized by a standard feedback network.
(2) The peack voltage of the two input signals must be less then
VS
2
:
(Lin + Rin) peak
• AVin <
VS
2
TDA7344
6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com