Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8179F Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8179F
Description  TV VERTICAL DEFLECTION BOOSTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8179F Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8179F Datasheet HTML 1Page - STMicroelectronics TDA8179F Datasheet HTML 2Page - STMicroelectronics TDA8179F Datasheet HTML 3Page - STMicroelectronics TDA8179F Datasheet HTML 4Page - STMicroelectronics TDA8179F Datasheet HTML 5Page - STMicroelectronics TDA8179F Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (pin 2)
50
V
VF
Flyback Supply Voltage
100
V
VF -VS
Difference between Flyback Supply Voltage and Supply Voltage
50
V
V1 ,V7
Amplifier Input Voltage
+ VS
IO
Output Peak Current
Non-repetitive, t = 2ms
f = 50 or 60Hz, t
≤ 10µs
f = 50 or 60Hz, t > 10
µs
2
2
1.8
A
I3
Pin 3 Peak Flyback Current at f = 50 or 60Hz, tfly
≤ 1.5ms
1.8
A
Ptot
Total Power Dissipation at TC =70
oC20
W
Tstg
Storage Temperature
- 40, + 150
oC
Tj
Junction Temperature
0, +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance
Max.
3
oC/W
ELECTRICAL CHARACTERISTICS
(V7 = 2.2V, VS = 42V, TA =25
oC, unless otherwise specified)
(refer to the test circuits - see Figure 1 next page)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage Range
10
42
V
I2
Pin 2 Quiescent Current
I3 =0
I5 = 0
10
20
mA
I6
Pin 6 Quiescent Current
I3 =0
I5 = 0
20
40
mA
I1
Amplifier Bias Current
V1 = 1V
- 0.2
- 1
µA
V5
Quiescent Output Voltage
VS = 42V
Ra = 3.9k
Ω
VS = 35V
Ra = 5.6k
Ω
23.4
17
24.2
17.8
25
18.5
V
V5L
Output Saturation Voltage to GND
I5 = 1A
1.2
1.5
V
V5H
Output Saturation Voltage to Supply
- I5 = 1A
2.2
2.6
V
VD5 - 6
Diode Forward Voltage between Pins 5-6
ID = 1A
1.5
3
V
VD3 - 6
Diode Forward Voltage between Pins 3-6
ID = 1A
1.5
3
V
R1
Input Resistance
200
k
Ω
Tj
Junction Temperature for Thermal
Shutdown
140
oC
TDA8179FS
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com