Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAS2G331MELB35 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LAS2G331MELB35
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LAS2G331MELB35 Datasheet(HTML) 1 Page - Nichicon corporation

  LAS2G331MELB35 Datasheet HTML 1Page - Nichicon corporation LAS2G331MELB35 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Terminal dimensions)
(PC board hole dimensions)
L
1
A
2
S
3
2
4
G
5
1
6
0
7
1
8
M
9
E
10
L
11
Z
12
2
13
5
14
15 16
Configuration
Case dia. code
Case length code
Bottom Plate
Rated capacitance (100µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
ZB
code less
With Bottom
Plate
Without
Bottom Plate
Capacitance tolerance (±20%)
Polarity bar
(10
)
L±2
4.0±0.5
Pressure relief vent
Bottom plate
(code ZB only)
Sleeve (P.E.T.)
Please contact to us if other configurations are required.
1.5
0.8
+0.2
-0.1
+0.
2
-0.1
0.8 +0.2
-0.1
Drawing
Type numbering system (Example : 400V 100µF)
LASSnap-inTerminalType, 105°CPermissibleAbnormalVoltage,
Smaller-sized
Withstanding 2000 hours application of rated ripple current of 105°C.
Addition of 450V rated voltage.
Smaller case sizes and higher ripple current than LAQ.
Improved safety features for abnormally excessive voltage.
Ideally suited for the equipment used at voltage fluctuating area.
Compliant to the RoHS directive (2011/65/EU).
LAS
LAQ
Smaller
Specifications
Measurement frequency : 120Hz
Tangent of loss angle (tan δ)
Within ±20% of the initial capacitance value
Within ±15% of the initial capacitance value
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Shelf Life
Safety Performance
Marking
Performance Characteristics
Item
–
25 to +105°C
400 • 420 • 450V
56 to 390µF
± 20% at 120Hz, 20°C
0.20MAX. 120Hz at 20°C
Printed with white color letter on black sleeve
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 2000 hours at 105°C, the
peak voltage shall not exceed the rated voltage.
After storing the capacitors under no load at 105°C for 1000
hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
The pressure relief vent will operate in normal conditions, with no dangerous conditions such as flames, ignitions or dispersion of pieces of the capacitor and / or case.
Rating
Voltage (V)
400
Rated Capacitance (µF)
330
C < 100
100
C < 220
220
C < 470
Limited DC current
Test voltage
2 A
4 A
7 A
500VDC and 600VDC
Test conditions
(µA) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (µF) V : Voltage (V)]
Rated voltage(V)
Impedance ratio (MAX)
Z – 25°C/Z+20°C
400
・420・450
8
420
450
330
C < 100
100
C < 220
220
C < 470
330
C < 100
100
C < 220
220
C < 470
2 A
4 A
7 A
2 A
4 A
7 A
520VDC and 630VDC
550VDC and 675VDC
Capacitance change
Leakage current
tan δ
Less than or equal to the initial specified value
200% or less than the initial specified value
Capacitance change
Leakage current
tan δ
Less than or equal to the initial specified value
150% or less than the initial specified value
3 CV
3 CV
3 CV
Dimension table in next page.
Minimum order quantity : 50pcs.
Frequency coefficient of rated ripple current
Frequency (Hz)
400 · 420 · 450V
Coeff.
50
60
120
1 k
10k or more
0.88
0.9
1.00
1.10
1.15
Expanded
ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - LAS2G331MELB35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAS2100 ETC2-LAS2100 Datasheet
219Kb / 4P
5 AMP 85, WATT POSITIVE HYBRID VOLTAGE REGULATORS
logo
Sensata Technologies, I...
LAS22-42-000A-P01-6E SENSATA-LAS22-42-000A-P01-6E Datasheet
100Kb / 2P
CYLINDRICAL HOUSED LINEAR VCA WITH AN INTEGRATED SENSOR
LAS22-42-000A-P01-6E SENSATA-LAS22-42-000A-P01-6E Datasheet
118Kb / 1P
CYLINDRICAL HOUSED LINEAR VCA WITH AN INTEGRATED SENSOR
Rev 05/02/2025
LAS22-42-000A-P01-6I SENSATA-LAS22-42-000A-P01-6I Datasheet
100Kb / 2P
CYLINDRICAL HOUSED LINEAR VCA WITH AN INTEGRATED SENSOR
LAS22-42-000A-P01-6I SENSATA-LAS22-42-000A-P01-6I Datasheet
118Kb / 1P
CYLINDRICAL HOUSED LINEAR VCA WITH AN INTEGRATED SENSOR
Rev 05/02/2025
More results

Similar Description - LAS2G331MELB35

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com