Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL563 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL563
Description  High Gain, Low Noise Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL563 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL563 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL563 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
February 2017
ASL563
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1MHz.
2) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1MHz.
* 100% in-house DC & RF testing is done on packaged products before taping.
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Frequency
MHz
900
1950
2450
Gain
dB
33.0
26.0
22.0
S11
dB
-15
-15
-15
S22
dB
-20
-20
-14
Output IP3
dBm
231)
292)
312)
Noise Figure
dB
1.0
1.0
1.1
Output P1dB
dBm
11
15
15
Current
mA
50
50
50
Device Voltage
V
+3.35
+4.45
+4.45
Parameters
Units
Min
Typ.
Max
Frequency
MHz
900
Gain
dB
31.0
33.0
S11
dB
-15
S22
dB
-20
Output IP3
dBm
21
23
Noise Figure
dB
1.0
1.3
Output P1dB
dBm
9
11
Current
mA
50
Device Voltage
V
+3.35
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5.5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
+22 dBm
Thermal Resistance
165
C/W
Features
Description
 33 dB Gain at 900 MHz
 1.0 dB NF at 900 MHz
 Two-stage LNA
ASL563 is a two-stage LNA for GPS, GLONASS,
Galileo, Compass, DMB, and satellite receiver low
noise blocks. It has a low noise, high gain, and high
linearity over a wide range of frequency up to 6
GHz. It is also suitable for use in the low noise
amplifier block of the mobile wireless systems of T-
DMB, CDMA, GSM, PCS, WCDMA, WiBro, WiMAX,
and WLAN so on. The amplifier is available in an
SOT363 package and passes the stringent DC, RF,
and reliability tests.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications*
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Typical Performance
(Supply Voltage = +3.35 V, TA = +25 C, Z0 = 50 )
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Pin No.
Function
1
GND1
2
GND2
3
OUT2 & VDD2
4
IN2
5
OUT1 & VDD1
6
IN1
Pin Configuration
Absolute Maximum Ratings
Package Style: SOT363
Application Circuit
GPS, GLONASS, Galileo, Compass
 1559 MHz ~ 1610 MHz
 1559 MHz ~ 1610 MHz
 1164 MHz ~ 1300 MHz
 1559 MHz ~ 1610 MHz
Others
 900 MHz
 1800 MHz
 1950 MHz
 2400 ~ 2500 MHz
 2400 ~ 2500 MHz (3 V)


Similar Part No. - ASL563

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
More results

Similar Description - ASL563

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL51T8 ASB-ASL51T8_17 Datasheet
583Kb / 11P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com