Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL5463 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ASL5463
Description  High Gain, Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL5463 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ASL5463 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL5463 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL5463 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL5463 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL5463 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL5463 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL5463 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL5463 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL5463 Datasheet HTML 12Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
ASB Inc.
 sales@asb.co.kr
August 2017
ASL5463
4. Application: 1164 ~ 1610 MHz (Vsupply = +5 V)
4.1
Application Circuit & Evaluation Board
C1
C2
C4
L1
L2
R1
C3
R2
C5
R3
L3
L4
ASL5463
RF IN
RF OUT
Vdevice = +5 V
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL5463
-
-
MMIC Amplifier
ASB
C1, C2
100 pF
0603
DC blocking capacitor
Murata
C3
22 pF
0603
Decoupling capacitor
Murata
C4, C5
1
F
0603
Decoupling capacitor
Murata
L1
6.8 nH
0603
RF choke inductor
Murata
L2
8.2 nH
0603
RF choke inductor
Murata
L3
18 nH
0603
Matching inductor
Murata
L4
5.6 nH
0603
Matching inductor
Murata
R1
10 k
0603
Current adjust resistor
Samsung
R2
51
0603
Bias resistor
Samsung
R3
0
0603
Bias resistor
Samsung
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-363-J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com