Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST11L Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AST11L
Description  MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST11L Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AST11L Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST11L Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
AST11L
5 ~ 3500 MHz MMIC Amplifier
(Supply Voltage = +5 V & +3 V, TA = +25 C, Zo = 50 )
Parameters
Units
Typical
Frequency
MHz
170 ~ 240
DVB-T(V band)
478 ~ 862
DVB-T(U band)
900
2000
Gain
dB
14
15
18
13
S11
dB
-8.0
-9.0
-13.5
-14.0
S22
dB
-11
-9
-12
-11
Output IP31)
dBm
16.0
18.0
24.5
27.0
Noise Figure
dB
1.8
1.8
1.2
1.3
Output P1dB
dBm
5.0
6.5
13.0
14.0
Current
mA
13
13
25
25
Device Voltage
V
+4.4
+4.4
+2.9
+2.9
1) OIP3 is measured with two tones at an output power of -5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
12
13
S11
dB
-14
S22
dB
-11
Output IP3
dBm
23
27
Noise Figure
dB
1.3
1.5
Output P1dB
dBm
11
14
Current
mA
14
25
40
Device Voltage
V
+2.9
Parameters
Rating
Operating Case Temperature
-40 to
85 C
Storage Temperature
-40 to
150 C
Device Voltage
+5.5 V
Operating Junction Temperature
+150
C
Input RF Power (CW, 50
 matched)*
+22 dBm
Thermal Resistance
192
C/W
Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical Performance
Absolute Maximum Ratings
 13 dB Gain at 2 GHz
 14 dBm P1dB at 2 GHz
 27 dBm OIP3 at 2 GHz
 MTTF > 100 Years
 Single Supply
The AST11L, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 3.5 GHz. The amplifier is available in a
SOT363 package and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
CDMA
WCDMA
DVB-T (V, U band)
Product Specifications
Package Style: SOT363
Pin Configuration
Pin No.
Function
1,2,4,5
GND
3
RF IN
6
RF OUT & Bias


Similar Part No. - AST11L

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AST11L ASB-AST11L Datasheet
488Kb / 7P
5-3500 MHz MMIC Amplifier
February 2010
More results

Similar Description - AST11L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
MMIC Amplifier
August, 2013
logo
RF Micro Devices
SBW5089Z RFMD-SBW5089Z Datasheet
657Kb / 7P
MMIC AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
MMIC Amplifier
April 2017
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
MMIC Amplifier
April 20173
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
MMIC Amplifier
February 2017
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com