Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5012 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5012
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5012 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5012 Datasheet HTML 1Page - Texas Instruments TAS5012 Datasheet HTML 2Page - Texas Instruments TAS5012 Datasheet HTML 3Page - Texas Instruments TAS5012 Datasheet HTML 4Page - Texas Instruments TAS5012 Datasheet HTML 5Page - Texas Instruments TAS5012 Datasheet HTML 6Page - Texas Instruments TAS5012 Datasheet HTML 7Page - Texas Instruments TAS5012 Datasheet HTML 8Page - Texas Instruments TAS5012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TAS5012
SLES006A – SEPTEMBER 2001 – REVISED DECEMBER 2001
TRUE DIGITAL AUDIO AMPLIFIER
TAS5012 DIGITAL AUDIO PWM PROCESSOR
1
www.ti.com
FEATURES
D TAS5012 + TAS5110 TDAA System – High
Quality Digital Audio Amplification
D 102-dB Dynamic Range (TAS5012 Device)
D THD+N < 0.06%
D Power Efficiency Is 90% Into 8-Ω Load
D 16-, 20-, or 24-Bit Input Data
D 32-kHz, 44.1-kHz, 48-kHz, 88.2-kHz, 96-kHz,
176.4-kHz, 192-kHz Sampling Rates
D Economical 48-Pin TQFP Package
D Lower-Jitter Internal PLL
D 3.3-V Power Supply
D Mute
D Clicks and Pops Reduction (Patent Pending)
APPLICATIONS
D DVD-Audio
D Home Theater
D Car Audio Amplifiers and Head Units
D Internet Music Appliance
D Mini/Micro Component Systems
DESCRIPTION
True digital audio amplifier (TDAA) is a new paradigm in digital audio. One TDAA system consists of the TAS5012
PCM-PWM modulator device + TAS5110 PWM power output device. This system accepts a serial PCM digital audio
stream and converts it to a 3.3-V PWM audio stream (TAS5012). The TAS5110 device then provides a large-signal
PWM output. This digital PWM signal is then demodulated providing power output for driving loudspeakers. This
patented technology provides low-cost, high-quality, high-efficiency digital audio applicable to many audio systems
developed for the digital age. The TAS5012 is an innovative, cost-effective, high-performance 24-bit stereo
PCM-PWM modulator based on Equibit
 technology. It has a wide variety of serial input options including
right-justified (16, 20, or 24 bits), IIS (16, 20, or 24 bits), left-justified (16 bits), or DSP (16 bits) data formats. It is fully
compatible with AES standard sampling rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz.
The TAS5012 also provides a de-emphasis function for 44.1-kHz and 48-kHz sampling rates.
TAS5012
TAS5110
Left
• Volume
• EQ
• DRC
• Bass
• Treble
• Serial Audio Input Port
• Internal PLL
• Equibit Modulator
• Up to 192-kHz Input
Sampling Rate
• TAS3001
• DSP
• S/PDIF
• 1394
Digital Audio
• H-Bridges
Power Devices
• Improved Performance
From TAS5100
TAS5110
Right
L-C
Filter
L-C
Filter
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Equibit is a trademark of Toccata Technology ApS, Denmark.
All other trademarks are the property of their respective owners.


Similar Part No. - TAS5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5012 TI-TAS5012 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012IPFB TI-TAS5012IPFB Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012IPFBG4 TI-TAS5012IPFBG4 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012PFB TI-TAS5012PFB Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012PFBG4 TI-TAS5012PFBG4 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results

Similar Description - TAS5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5010 TI-TAS5010 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015 Datasheet
240Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_15 Datasheet
404Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS 5010 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_15 Datasheet
232Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS 5012 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com