Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3096D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS3096D
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3096D Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3096D Datasheet HTML 17Page - Texas Instruments THS3096D Datasheet HTML 18Page - Texas Instruments THS3096D Datasheet HTML 19Page - Texas Instruments THS3096D Datasheet HTML 20Page - Texas Instruments THS3096D Datasheet HTML 21Page - Texas Instruments THS3096D Datasheet HTML 22Page - Texas Instruments THS3096D Datasheet HTML 23Page - Texas Instruments THS3096D Datasheet HTML 24Page - Texas Instruments THS3096D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.ti.com
PRINTED-CIRCUIT BOARD LAYOUT
0
500
1000
1500
2000
2500
100 k
1 M
10 M
100 M
1 G
+
−
1.21 k
Ω 1.21 kΩ
50
Ω VO
f − Frequency − Hz
VS = ±15 V and ±5 V
POWER-DOWN REFERENCE PIN
THS3092
THS3096
SLOS428A – DECEMBER 2003 – REVISED FEBRUARY 2004
TECHNIQUES FOR OPTIMAL
PERFORMANCE
Achieving optimum performance with high frequency
amplifier,
like
the
THS3092/6,
requires
careful
attention to board layout parasitic and external
component types.
Recommendations that optimize performance include:
•
Minimize parasitic capacitance to any ac ground
for all of the signal I/O pins. Parasitic capacitance
on the output and input pins can cause instability.
To reduce unwanted capacitance, a window
around the signal I/O pins should be opened in all
of the ground and power planes around those
Figure 65. Power-down Output Impedance vs
pins. Otherwise, ground and power planes should
Frequency
be unbroken elsewhere on the board.
•
Minimize the distance (< 0.25”) from the power
As with most current feedback amplifiers, the internal
supply pins to high frequency 0.1-µF and 100-pF
architecture places some limitations on the system
decoupling capacitors. At the device pins, the
when in power-down mode. Most notably is the fact
ground and power plane layout should not be in
that the amplifier actually turns ON if there is a
±0.7 V
close proximity to the signal I/O pins. Avoid
or greater difference between the two input nodes
narrow power and ground traces to minimize
(V+ and V-) of the amplifier. If this difference exceeds
inductance between the pins and the decoupling
±0.7 V, the output of the amplifier creates an output
capacitors. The power supply connections should
voltage
equal
to
approximately
always be decoupled with these capacitors.
[(V+ - V-) -0.7 V]
×Gain. This also implies that if a
Larger (6.8 µF or more) tantalum decoupling
voltage is applied to the output while in power-down
capacitors, effective at lower frequency, should
mode,
the
V-
node
voltage
is
equal
to
also be used on the main supply pins. These may
VO(applied)× RG/(RF + RG). For low gain configurations
be placed somewhat farther from the device and
and a large applied voltage at the output, the ampli-
may be shared among several devices in the
fier may actually turn ON due to the aforementioned
same area of the PC board.
behavior.
•
Careful selection and placement of external
The time delays associated with turning the device on
components preserve the high frequency per-
and off are specified as the time it takes for the
formance of the THS3092/6. Resistors should be
amplifier to reach either 10% or 90% of the final
a very low reactance type. Surface-mount re-
output voltage. The time delays are in the order of
sistors work best and allow a tighter overall
microseconds because the amplifier moves in and out
layout. Again, keep their leads and PC board
of the linear mode of operation in these transitions.
trace length as short as possible. Never use
wirebound type resistors in a high frequency
application. Since the output pin and inverting
OPERATION
input pins are the most sensitive to parasitic
capacitance, always position the feedback and
In addition to the power-down pin, the THS3096 and
series output resistors, if any, as close as poss-
THS3096 feature a reference pin (REF) which allows
ible to the inverting input pins and output pins.
the user to control the enable or disable power-down
Other network components, such as input termin-
voltage levels applied to the PD pin. In most
ation resistors, should be placed close to the
split-supply applications, the reference pin is connec-
gain-setting resistors. Even with a low parasitic
ted to ground. In either case, the user needs to be
capacitance
shunting
the
external
resistors,
aware of voltage-level thresholds that apply to the
excessively high resistor values can create sig-
power-down pin. The usable range at the REF pin is
nificant time constants that can degrade perform-
from VS- to (VS+ - 4 V).
ance. Good axial metal-film or surface-mount
resistors have approximately 0.2 pF in shunt with
the resistor. For resistor values > 2.0 k
Ω, this
parasitic capacitance can add a pole and/or a
zero that can effect circuit operation. Keep
resistor values as low as possible, consistent with
load driving considerations.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com