Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC3302 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC3302
Description  3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC3302 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC3302 Datasheet HTML 1Page - Texas Instruments TPIC3302 Datasheet HTML 2Page - Texas Instruments TPIC3302 Datasheet HTML 3Page - Texas Instruments TPIC3302 Datasheet HTML 4Page - Texas Instruments TPIC3302 Datasheet HTML 5Page - Texas Instruments TPIC3302 Datasheet HTML 6Page - Texas Instruments TPIC3302 Datasheet HTML 7Page - Texas Instruments TPIC3302 Datasheet HTML 8Page - Texas Instruments TPIC3302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TPIC3302
3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
SLIS021B – APRIL 1994 – REVISED JULY 1995
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2–2
electrical characteristics, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
60
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
VDS = VGS
1.5
1.85
2.2
V
V(BR)
Reverse drain-to-GND breakdown voltage
(across D1)
Drain-to-GND current = 250
µA
100
V
VDS(on)
Drain-to-source on-state voltage
ID = 1 A,
See Notes 2 and 3
VGS = 10 V,
0.4
0.475
V
VF
Forward on-state voltage, GND-to-drain
ID = 1 A,
See Notes 2 and 3
2
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 1 A,
VGS = 0,
See Notes 2 and 3
0.9
1.1
V
IDSS
Zero gate voltage drain current
VDS = 48 V,
TC = 25°C
0.05
1
µA
IDSS
Zero-gate-voltage drain current
DS
,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward gate current, drain short circuited to source
VGS = 16 V,
VDS = 0
10
100
nA
IGSSR
Reverse gate current, drain short circuited to source
VSG = 16 V,
VDS = 0
10
100
nA
Ilk
Leakage current drain to GND
VR =48V
TC = 25°C
0.05
1
µA
Ilkg
Leakage current, drain-to-GND
VR = 48 V
TC = 125°C
0.5
10
µA
rDS( )
Static drain to source on state resistance
VGS = 10 V,
ID = 1 A,
TC = 25°C
0.4
0.475
Ω
rDS(on)
Static drain-to-source on-state resistance
D
,
See Notes 2 and 3
and Figures 6 and 7
TC = 125°C
0.63
0.7
Ω
gfs
Forward transconductance
VDS = 10 V,
See Notes 2 and 3
ID = 0.5 A,
0.85
1.02
S
Ciss
Short-circuit input capacitance, common source
115
145
Coss
Short-circuit output capacitance, common source
VDS = 25 V,
VGS = 0,
60
75
pF
Crss
Short-circuit reverse-transfer capacitance,
common source
f = 1 MHz
30
40
F
NOTES:
2. Technique should limit TJ – TC to 10°C maximum, pulse duration ≤ 5 ms.
3. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
source-to-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr(SD) Reverse-recovery time
IS = 0.5 A,
VGS = 0,
VDS = 48 V,
35
ns
QRR
Total diode charge
SGS
di/dt = 100 A/
µs,
DS
See Figure 1
0.03
µC
GND-to-drain diode characteristics, TC = 25°C (see schematic, D1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Reverse-recovery time
IF = 0.5 A,
VDS = 48 V,
90
ns
QRR
Total diode charge
F
di/dt = 100 A/
µs,
DS
See Figure 1
0.2
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com