Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-10D Datasheet(PDF) 2 Page - Kemet Corporation

Part # ESD-R-10D
Description  Toroidal Cores
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-10D Datasheet(HTML) 2 Page - Kemet Corporation

  ESD-R-10D Datasheet HTML 1Page - Kemet Corporation ESD-R-10D Datasheet HTML 2Page - Kemet Corporation ESD-R-10D Datasheet HTML 3Page - Kemet Corporation ESD-R-10D Datasheet HTML 4Page - Kemet Corporation ESD-R-10D Datasheet HTML 5Page - Kemet Corporation ESD-R-10D Datasheet HTML 6Page - Kemet Corporation ESD-R-10D Datasheet HTML 7Page - Kemet Corporation ESD-R-10D Datasheet HTML 8Page - Kemet Corporation ESD-R-10D Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
E5001_ESD-R • 3/28/2017
EMI Core – ESD-R Series Toroidal Cores
Dimensions – Millimeters
Bare and Coated Types
EMI Core
8
Ring Type
e
bESD-R Series
OD
T
Installation Example
Shape and Dimensions
Toroidal Cores (Bare Type)
[RoHS Compliant]
Toroidal Cores (Bare Type)
[RoHS Compliant]
ESD-R-10D
9.5
5.0
10.0
●
ESD-R-10E
10.0
5.0
5.0
●
ESD-R-10S
10.5
5.5
20.0
●
ESD-R-12C
11.8
7.3
15.0
●
ESD-R-12E
11.8
7.3
8.0
●
ESD-R-12F
12.0
8.5
15.0
●
ESD-R-12S
12.0
7.0
5.5
●
ESD-R-14C
14.0
7.0
3.0
●
ESD-R-14E
14.0
10.0
8.0
●
ESD-R-14S
14.3
6.3
28.5
●
ESD-R-15C-1
15.0
10.5
12.0
●
ESD-R-16
15.8
11.6
8.4
●
ESD-R-16C
16.0
9.0
17.0
●
ESD-R-17S
17.5
9.5
28.5
●
ESD-R-18SD
18.0
10.0
6.0
●
ESD-R-19S
18.5
10.0
10.0
●
ESD-R-19SD
18.5
10.0
10.0
●
ESD-R-22SD
22.5
13.8
6.4
●
ESD-R-25SD
25.0
15.0
12.0
●
ESD-R-25S
25.0
15.0
12.0
●
ESD-R-26S
26.0
13.0
28.5
●
ESD-R-28C
28.0
16.0
13.0
●
ESD-R-31C
31.0
19.0
8.0
●
ESD-R-38D
38.1
19.0
12.7
●
Model
Dimensions (mm)
Frequency range
OD
ID
T
up to 100MHz(mainly AM band range)
up to 300MHz(mainly FM band range)
※Other sizes available. Please contact NEC TOKIN.
※Above frequency range is a reference only. Please test with actual device before use.
See Table 1 for dimensions
Installation Examples
EMI Core
8
Ring Type
e
bESD-R Series
OD
T
Installation Example
Shape and Dimensions
Toroidal Cores (Bare Type)
[RoHS Compliant]
Toroidal Cores (Bare Type)
[RoHS Compliant]
ESD-R-10D
9.5
5.0
10.0
●
ESD-R-10E
10.0
5.0
5.0
●
ESD-R-10S
10.5
5.5
20.0
●
ESD-R-12C
11.8
7.3
15.0
●
ESD-R-12E
11.8
7.3
8.0
●
ESD-R-12F
12.0
8.5
15.0
●
ESD-R-12S
12.0
7.0
5.5
●
ESD-R-14C
14.0
7.0
3.0
●
ESD-R-14E
14.0
10.0
8.0
●
ESD-R-14S
14.3
6.3
28.5
●
ESD-R-15C-1
15.0
10.5
12.0
●
ESD-R-16
15.8
11.6
8.4
●
ESD-R-16C
16.0
9.0
17.0
●
ESD-R-17S
17.5
9.5
28.5
●
ESD-R-18SD
18.0
10.0
6.0
●
ESD-R-19S
18.5
10.0
10.0
●
ESD-R-19SD
18.5
10.0
10.0
●
ESD-R-22SD
22.5
13.8
6.4
●
ESD-R-25SD
25.0
15.0
12.0
●
ESD-R-25S
25.0
15.0
12.0
●
ESD-R-26S
26.0
13.0
28.5
●
ESD-R-28C
28.0
16.0
13.0
●
ESD-R-31C
31.0
19.0
8.0
●
ESD-R-38D
38.1
19.0
12.7
●
Model
Dimensions (mm)
Frequency range
OD
ID
T
up to 100MHz(mainly AM band range)
up to 300MHz(mainly FM band range)
※Other sizes available. Please contact NEC TOKIN.
※Above frequency range is a reference only. Please test with actual device before use.
Environmental Compliance
AllKEMETEMIcoresareRoHSCompliant.
RoHS Compliant
Case Type
EMI Core
14
Ring Type
Toroidal Cores with Case
[RoHS Compliant]
Toroidal Cores with Case
[RoHS Compliant]
OD
T
bESD-R Series
Shape and Dimensions
1
10
100
1000
1
10000
1000
100
10
1T
2T
3T
ESD-R-12D
Frequency (MHz)
1
10000
1000
100
10
1T
2T
3T
1
10
100
1000
Frequency (MHz)
ESD-R-19
Impedance vs. Frequency
ESD-R-12D
12.9
6.0
6.4
●
black
ESD-R-12S
ESD-R-19
19.0
9.0
11.0
●
white
ESD-R-19S
ESD-R-19D
19.0
9.0
11.0
●
black
ESD-R-19SD
ESD-R-25
26.0
14.0
15.0
●
white
ESD-R-25S
ESD-R-25D
26.0
14.0
15.0
●
black
ESD-R-25SD
ESD-R-38
39.0
17.5
14.0
●
white
ESD-R-38D
ESD-R-38C-1
39.0
17.5
14.0
●
with tape(black)
white
-
ESD-R-47
48.0
25.5
16.0
●
white
-
ESD-R-47D-1
48.0
25.5
16.0
●
with tape(black)
white
-
ESD-R-57
61.0
32.4
24.0
●
white
-
ESD-R-57D-1
61.0
32.4
24.0
●
with tape(black)
white
-
Model
Dimensions (mm)
Frequency range
Remarks
Color of case
Compatible toroidal core
OD
ID
T
up to 100MHz
up to 300MHz
(bare type)
(mainly AM band range)
(mainly FM band range)
※Above frequency range is a reference only. Please test with actual device before use.
※Flame resistant grade of the case : UL94V-2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com